Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # V48SC
Description  Fixed frequency operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  V48SC Datasheet HTML 1Page - Delta Electronics, Inc. V48SC Datasheet HTML 2Page - Delta Electronics, Inc. V48SC Datasheet HTML 3Page - Delta Electronics, Inc. V48SC Datasheet HTML 4Page - Delta Electronics, Inc. V48SC Datasheet HTML 5Page - Delta Electronics, Inc. V48SC Datasheet HTML 6Page - Delta Electronics, Inc. V48SC Datasheet HTML 7Page - Delta Electronics, Inc. V48SC Datasheet HTML 8Page - Delta Electronics, Inc. V48SC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS_V48SC12007_04262016
5
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Start up
Figure 4: Turn-on transient at full rated load current (10
ms/div). Vin=48V. Top Trace: Vout, 5.0V/div; Bottom Trace:
ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current (10 ms/div).
Vin=48V. Top Trace: Vout: 5.0V/div, Bottom Trace: ON/OFF
input, 5V/div
For Input Voltage Start up
Figure 6: Turn-on transient at full rated load current (10
ms/div). Vin=48V. Top Trace: Vout, 5.0V/div; Bottom Trace: Vin,
50V/div
Figure 7: Turn-on transient at zero load current (10 ms/div).
Vin=48V. Top Trace: Vout, 5.0V/div; Bottom Trace: Vin, 50V/div
Figure 8.1: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (0.15V/div, 200us/div), Bottom Trace: Iout (5A/div). Scope
measurement should be made using a BNC cable (length
shorter than 20 inches). Position the load between 51 mm to 76
mm (2 inches to 3 inches) from the module
Note: for module V48SC12007NMFA, V48SC12007NMFB and
V48SC12007NRFA
Figure 8.2: Output voltage response to step-change in load
current 0A-3.2A-0A, max; di/dt =2.5A/µs). Load cap: 10µF
tantalum capacitor and 1µF ceramic capacitor. Top Trace: Vout
(0.2V/div, 200us/div), Bottom Trace: Iout (2A/div). Scope
measurement should be made using a BNC cable (length
shorter than 20 inches). Position the load between 51 mm to 76
mm (2 inches to 3 inches) from the module
Note: for module V48SC12007NMFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com