| Electronic Components Datasheet Search |
|
WM9712LGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9712LGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc |
|
39 / 77 page ![]() Production Data WM9712L w PD Rev 4.5 August 2006 39 The principle of operation is illustrated below (Note: the illustrations assume that the top plate is used for X and the bottom plate for Y measurements, although the reverse is also possible). Y+ (15) X+ (14) Y- (17) X- (16) R X+ R Y- pen / finger R Y+ R X- V M = (VREF+ - VREF-) RX- / (RX- + RX+) = proportional to X position ADC V REF+ V REF- TPVDD TPGND WM9712 VM Figure 6 X Co-ordinate Measurement on 4-wire Touchpanel For an X co-ordinate measurement, the X+ pin is internally switched to VDD and X- to GND. The X plate becomes a potential divider, and the voltage at the point of contact is proportional to its X co- ordinate. This voltage is measured on the Y+ and Y- pins, which carry no current (hence there is no voltage drop in RY+ or RY-). Due to the ratiometric measurement method, the supply voltage does not affect measurement accuracy. The voltage references VREF+ and VREF- are taken from after the matrix switches, so that any voltage drop in these switches has no effect on the ADC measurement. Y+ (15) X+ (14) Y- (17) X- (16) R X+ R Y- pen / finger R Y+ R X- V M = (VREF+ - VREF-) RY- / (RY- + RY+) = proportional to Y position ADC V REF+ V REF- TPVDD TPGND WM9712 VM Figure 7 Y Co-ordinate Measurement on 4-wire Touchpanel Y co-ordinate measurements are similar to X co-ordinate measurements, with the X and Y plates interchanged. zero power comparator Y+ (15) X+ (14) Y- (17) X- (16) R X+ R Y- pen / finger R Y+ R X- TPGND WM9712 PEN DOWN TPVDD R PU Figure 8 Pen Down Detection on 4-wire Touchpanel Pen down detection uses a zero power comparator (effectively a CMOS logic gate) with an internal, programmable pull-up resistor RPU that controls pen-down sensitivity. Increasing RPU makes the touchpanel less sensitive to touch, while lowering RPU makes it more sensitive. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |