Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5812 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC5812
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5812 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC5812 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5812
Rev.0, Nov. 2001, page 7 of 10
S Parameter
(V
CE = 1 V, IC = 5 mA, ZO = 50 Ω
Ω
Ω
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.842
–16.3
15.23
164.9
0.015
80.2
0.963
–10.1
200
0.783
–31.7
14.17
152.2
0.027
72.9
0.904
–18.4
300
0.719
–44.6
12.84
141.4
0.037
66.8
0.826
–24.9
400
0.637
–55.4
11.41
131.8
0.045
62.9
0.754
–29.4
500
0.582
–65.9
10.25
124.8
0.051
60.8
0.691
–32.9
600
0.531
–73.2
9.16
118.6
0.056
60.1
0.638
–35.0
700
0.472
–80.9
8.22
113.1
0.061
59.7
0.595
–36.7
800
0.443
–87.0
7.49
108.9
0.065
60.0
0.561
–37.7
900
0.404
–92.3
6.80
104.6
0.069
60.7
0.530
–38.5
1000
0.377
–99.2
6.26
101.0
0.073
61.5
0.508
–39.1
1100
0.355
–103.4
5.80
98.1
0.077
62.8
0.490
–39.7
1200
0.337
–108.0
5.38
94.8
0.081
64.1
0.474
–40.4
1300
0.327
–112.6
5.04
92.4
0.085
65.0
0.461
–40.8
1400
0.305
–116.3
4.71
90.1
0.090
66.4
0.452
–41.7
1500
0.299
–120.3
4.45
87.7
0.094
67.5
0.440
–42.0
1600
0.297
–123.8
4.20
86.0
0.099
68.5
0.437
–42.8
1700
0.284
–127.7
3.98
83.6
0.104
70.0
0.428
–43.4
1800
0.282
–132.2
3.80
81.7
0.109
71.1
0.423
–44.3
1900
0.272
–134.3
3.62
79.8
0.114
72.0
0.418
–45.3
2000
0.268
–138.4
3.47
77.9
0.120
73.0
0.414
–46.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com