Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9265-80EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9265-80EBZ
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265-80EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9265-80EBZ Datasheet HTML 23Page - Analog Devices AD9265-80EBZ Datasheet HTML 24Page - Analog Devices AD9265-80EBZ Datasheet HTML 25Page - Analog Devices AD9265-80EBZ Datasheet HTML 26Page - Analog Devices AD9265-80EBZ Datasheet HTML 27Page - Analog Devices AD9265-80EBZ Datasheet HTML 28Page - Analog Devices AD9265-80EBZ Datasheet HTML 29Page - Analog Devices AD9265-80EBZ Datasheet HTML 30Page - Analog Devices AD9265-80EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
AD9265
Data Sheet
Rev. C | Page 26 of 44
Dither
The AD9265 has an optional dither mode that can be selected
either through the SPI bus or by using the DITHER pin. Dithering
is the act of injecting a known but random amount of white noise,
commonly referred to as dither, into the input of the ADC.
Dithering has the effect of improving the local linearity at
various points along the ADC transfer function. Dithering
can significantly improve the SFDR when quantizing small
signal inputs, typically when the input level is below −6 dBFS.
As shown in Figure 65, the dither that is added to the input of
the ADC through the dither DAC is precisely subtracted out
digitally to minimize SNR degradation. When dithering is enabled,
the dither DAC is driven by a pseudorandom number generator
(PN gen). In the AD9265, the dither DAC is precisely calibrated
to result in only a very small degradation in SNR and SINAD.
The typical SNR and SINAD degradation values, with dithering
enabled, are only 1 dB and 0.8 dB, respectively.
ADC CORE
DITHER
DAC
PN GEN
DITHER ENABLE
VIN
DOUT
Figure 65. Dither Block Diagram
Large Signal FFT
In most cases, dithering does not improve SFDR for large signal
inputs close to full scale, for example, with a −1 dBFS input. For
large signal inputs, the SFDR is typically limited by front-end
sampling distortion, which dithering cannot improve. However,
even for such large signal inputs, dithering may be useful for
certain applications because it makes the noise floor whiter.
As is common in pipeline ADCs, the AD9265 contains small
DNL errors caused by random component mismatches that
produce spurs or tones that make the noise floor somewhat
randomly colored part-to-part. Although these tones are
typically at very low levels and do not limit SFDR when the
ADC is quantizing large signal inputs, dithering converts these
tones to noise and produces a whiter noise floor.
Small Signal FFT
For small signal inputs, the front-end sampling circuit typically
contributes very little distortion, and, therefore, the SFDR is likely
to be limited by tones caused by DNL errors due to random com-
ponent mismatches. Therefore, for small signal inputs (typically,
those below −6 dBFS), dithering can significantly improve
SFDR by converting these DNL tones to white noise.
Static Linearity
Dithering also removes sharp local discontinuities in the INL
transfer function of the ADC and reduces the overall peak-to-
peak INL.
In receiver applications, utilizing dither helps to reduce DNL errors
that cause small signal gain errors. Often this issue is overcome
by setting the input noise 5 dB to 10 dB above the converter
noise. By utilizing dither within the converter to correct the
DNL errors, the input noise requirement can be reduced.
Differential Input Configurations
Optimum performance is achieved while driving the AD9265 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-2, and ADA4938-2 differential drivers provide
excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938 is easily set
with the VCM pin of the AD9265 (see Figure 66), and the
driver can be configured in the filter topology shown to provide
band limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
AVDD
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–
VIN+
VCM
ADA4938-2
Figure 66. Differential Input Configuration Using the ADA4938-2
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 67. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R2
C2
Figure 67. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com