Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC208 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC208
Description  8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC208 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC208 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC208 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Altima AC208 is a highly integrated 0.25u CMOS silicon
solution. It combines all the functions of a 10/100 dual-speed
bridged repeater including PHY transceiver, two internal
repeaters, two repeater backplane busses for expansion, a two-
port bridge with 32 KB embedded memory.
The AC208 contains eight 10BASE-T/100BASE-TX Fast
Ethernet transceivers, one of which can be configured into a full-
duplex uplink port. The transceivers perform all of the physical
layer interface functions for 10BASE-T Ethernet on Category 3,
4, or 5 unshielded twisted pair (UTP) cable and 100BASE-TX
Fast Ethernet on Category 5 UTP cable.
The AC208 represents a marked improvement over the previous
generation of the dual-speed bridged repeater family AC108R.
Because the memory is embedded in the silicon, the AC208
offers the obvious advantage of cost savings in the discrete
memory device. Additionally, a 128-pin PQFP package means
savings in manufacturing and testing.
Because the AC208 has the smallest footprint and the lowest
power consumption, on a per-port basis, of any micro-LAN
solution, when all system costs are considered — power, heat,
components and real estate — the AC208 provides the lowest
overall system cost and most reliable design.
The AC208 product family includes the AC208, AC207, AC206,
AC205 and AC205i with the following features and
configurations:
• AC208:
128-pin
PQFP,
eight-port
TX
with
cascadable backplane
• AC207: 128-pin PQFP, eight-port TX with MII or 7-wire
• AC206: 128-pin PQFP, five-port TX with MII or reversed MII
or 7-wire, cascadable repeater backplane
• AC205: 100-pin PQFP, five-port TX with MII or 7-wire
• AC205i: 100-pin PQFP, five-port TX with MII or 7-wire and
single independent TX port for IP phone
AC208
OVER VIEW
. . .
. . .
MUX
R_100
R_10
Bridge
10M
100M
100M RBP
10M RBP
P
H
Y
MII
MII
RBP
32 KB
RAM
P
H
Y
P
H
Y
P
H
Y
P
H
Y
TX4
TX3
TX2
P
H
Y
P
H
Y
P
H
Y
TX7
Up Link
TX6
TX5
TX1
TX0
10M RBP
100M RBP
© 2002 by ALTIMA COMMUNICATIONS, INC.
A Broadcom Company. All rights reserved.
AC208-PB03-R-11.01.02
ALTIMA COMMUNICATIONS, INC.
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL
AC208 Block Diagram
• Integrated PHY, Repeater and
Bridge
• Integrated Packet Buffer Memory
• Integrated 1K MAC
• Programmable LEDs via EEPROM
• Backplane for Cascading



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com