Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8331 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8331 Datasheet HTML 22Page - Analog Devices AD8331 Datasheet HTML 23Page - Analog Devices AD8331 Datasheet HTML 24Page - Analog Devices AD8331 Datasheet HTML 25Page - Analog Devices AD8331 Datasheet HTML 26Page - Analog Devices AD8331 Datasheet HTML 27Page - Analog Devices AD8331 Datasheet HTML 28Page - Analog Devices AD8331 Datasheet HTML 29Page - Analog Devices AD8331 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD8331/AD8332
Rev. C | Page 26 of 32
15
16
20
17
18
19
8
7
6
5
1
4
3
2
9
13
10
COMM
VIP
LOP
COML
LMD
LON
VPS
INH
COMM
ENBV
ENBL
GAIN
0.1
µF
HILO
+5V
+5V
CFB
0.018
µF
NC
VOH
VOL
VOUT
VPOS
+5V
14
11
12
VCM
RCLMP
NC
NC
NC
VIN
0.1
µF
AD8331
MODE
GAIN
MODE
VCM
CLMP
HILO
VIN
Figure 74. Disabling the LNA
INH
LNA
5
Ω
LMD
LOP
ADG736
LON
200
Ω
50
Ω
0.1
µF
18nF
SELECT RFB
280
Ω
1.13k
Ω
AD8332
5
Ω
Figure 75. Accommodating Multiple Sources
MEASUREMENT CONSIDERATIONS
Figure 51 through Figure 55 show typical measurement
configurations and proper interface values for measurements
with 50 Ω conditions.
Short-circuit input noise measurements are made using
Figure 53. The input-referred noise level is determined by
dividing the output noise by the numerical gain between Point
A and Point B and accounting for the noise floor of the
spectrum analyzer. The gain should be measured at each
frequency of interest and with low signal levels since a 50 Ω
load is driven directly. The generator is removed when noise
measurements are made.
ULTRASOUND TGC APPLICATION
The AD8332 ideally meets the requirements of medical and
industrial ultrasound applications. The TGC amplifier is a key
subsystem in such applications, since it provides the means for
echolocation of reflected ultrasound energy.
Figure 76 through Figure 78 are schematics of a dual, fully
differential system using the AD8332 and AD9238 12-bit high
speed ADC with conversion speeds as high as 65 MSPS. In this
example, the VGA outputs are dc-coupled, using the reference
output of the ADC and a level shifter to center the common-
mode output voltage to match that of the converter. Consult the
data sheet of the converter to determine whether external CMV
biasing is required. AC coupling is recommended if the CMV
of the VGA and ADC are widely disparate.
Using the circuit shown, and a high speed ADC FIFO
evaluation kit connected to a laptop PC, an FFT can be
performed on the AD8332. With the on-board clock of 20 MHz,
and minimal low-pass filtering, and both channels driven with a
1 MHz filtered sine wave, the THD is –75 dB, noise floor –93 dB
and HD2 –83 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com