Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9975ABST Datasheet(PDF) 19 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9975ABST Datasheet HTML 12Page - Analog Devices AD9975ABST Datasheet HTML 13Page - Analog Devices AD9975ABST Datasheet HTML 14Page - Analog Devices AD9975ABST Datasheet HTML 15Page - Analog Devices AD9975ABST Datasheet HTML 16Page - Analog Devices AD9975ABST Datasheet HTML 17Page - Analog Devices AD9975ABST Datasheet HTML 18Page - Analog Devices AD9975ABST Datasheet HTML 19Page - Analog Devices AD9975ABST Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
AD9975
–19–
Bit 1: ADC Output on Falling RXCLK
If Bit 1 is set high, the TX path data will be sampled on the falling
edge of RXCLK. When this bit is low, the data will be sampled on
the rising edge of RXCLK.
Bit 3: Three-State RX Port
This bit sets the receive output RX[5:0] into a high impedance
three-state mode. It allows for sharing the bus with other devices.
Bit 4: CLK-A Output Disable
Setting Bit 4 high fixes the CLK-A output to a Logic 0 output level.
Bit 5: CLK-B Output Disable
Setting Bit 5 high fixes the CLK-A output to a Logic 0 output level.
Bit 6: CLK-A Equal to OSC IN
Setting Bit 6 high sets the CLK-A output signal frequency equal
to the OSC IN signal frequency. Otherwise, the CLK-A output
frequency is equal to FOSCIN
× L.
Bit 7: CLK-B Equal to OSC IN/4
Setting Bit 7 high sets the CLKB output signal frequency equal
to the OSC IN/4 signal frequency. Otherwise, the CLKB output
frequency is equal to OSC IN/2.
Register F, Die Revision
This register stores the die revision of the chip. It is a read-only
register.
PCB DESIGN CONSIDERATIONS
Although the AD9975 is a mixed signal device, the part should
be treated as an analog component. The digital circuitry on-chip
has been specially designed to minimize the impact that the
digital switching noise will have on the operation of the analog
circuits. Following the power, grounding, and layout recom-
mendations in this section will help you get the best performance
from the MxFE.
Component Placement
If the three following guidelines of component placement are
followed, chances for getting the best performance from the
MxFE are greatly increased. First, manage the path of return cur-
rents flowing in the ground plane so that high frequency switching
currents from the digital circuits do not flow on the ground plane
under the MxFE or analog circuits. Second, keep noisy digital
signal paths and sensitive receive signal paths as short as possible.
Third, keep digital (noise generating) and analog (noise suscep-
tible) circuits as far away from each other as possible.
In order to best manage the return currents, pure digital circuits
that generate high switching currents should be closest to the
power supply entry. This will keep the highest frequency return
current paths short and prevent them from traveling over the
sensitive MxFE and analog portions of the ground plane. Also,
these circuits should be generously bypassed at each device that
will further reduce the high frequency ground currents. The
MxFE should be placed adjacent to the digital circuits such that
the ground return currents from the digital sections will not flow
in the ground plane under the MxFE. The analog circuits should
be placed furthest from the power supply.
The AD9975 has several pins that are used to decouple sensitive
internal nodes. These pins are REFIO, REFB, and REFT. The decou-
pling capacitors connected to these points should have low ESR
and ESL. These capacitors should be placed as close to the MxFE
as possible and be connected directly to the analog ground plane.
The resistor connected to the FS ADJ pin should also be placed
close to the device and connected directly to the analog ground plane.
Power Planes and Decoupling
The AD9975 evaluation board demonstrates a good power supply
distribution and decoupling strategy. The board has four layers;
two signal layers, one ground plane, and one power plane. The
power plane is split into a 3VDD section, which is used for the
3V digital logic circuits; a DVDD section, which is used to supply
the digital supply pins of the AD9975; an AVDD section, which
is used to supply the analog supply pins of the AD9975; and a
VANLG section, which supplies the higher voltage analog com-
ponents on the board. The 3VDD section will typically have the
highest frequency currents on the power plane and should be
kept the furthest from the MxFE and analog sections of the board.
The DVDD portion of the plane brings the current used to power
the digital portion of the MxFE to the device. This should be
treated similar to the 3VDD power plane and be kept from
going underneath the MxFE or analog components. The MxFE
should largely sit on the AVDD portion of the power plane.
The AVDD and DVDD power planes may be fed from the same
low noise voltage source; however, they should be decoupled
from each other to prevent the noise generated in the DVDD
portion of the MxFE from corrupting the AVDD supply. This
can be done by using ferrite beads between the voltage source and
DVDD and between the source and AVDD. Both DVDD and
AVDD should have a low ESR, bulk decoupling capacitor on the
MxFE side of the ferrite as well as a low ESR, ESL decoupling
capacitors on each supply pin (i.e., the AD9975 requires five
power supply decoupling caps, one each on Pins 5, 38, 47, 14, and
35). The decoupling caps should be placed as close to the MxFE
supply pins as possible. An example of the proper decoupling is
shown in the AD9975 evaluation board schematic.
Ground Planes
In general, if the component placing guidelines discussed earlier
can be implemented, it is best to have at least one continuous
ground plane for the entire board. All ground connections should
be made as short as possible. This will result in the lowest imped-
ance return paths and the quietest ground connections.
If the components cannot be placed in a manner that would keep
the high frequency ground currents from traversing under the
MxFE and analog components, it may be necessary to put current
steering channels into the ground plane to route the high frequency
currents around these sensitive areas. These current steering
channels should be made only when and where necessary.
Signal Routing
The digital RX and TX signal paths should be kept as short as
possible. Also, the impedance of these traces should have a con-
trolled impedance of about 50
Ω. This will prevent poor signal
integrity and the high currents that can occur during undershoot
or overshoot caused by ringing. If the signal traces cannot be kept
shorter than about 1.5 inches, then series termination resistors
(33
Ω to 47 Ω) should be placed close to all signal sources. It is
a good idea to series terminate all clock signals at their source
regardless of trace length.
The receive RX+/RX– signals are the most sensitive signals on the
entire board. Careful routing of these signals is essential for good
receive path performance. The RX+/RX– signals form a differential
pair and should be routed together as a pair. By keeping the traces
adjacent to each other, noise coupled onto the signals will appear
as common mode and will be largely rejected by the MxFE receive
input. Keeping the driving point impedance of the receive signal low
and placing any low-pass filtering of the signals close to the MxFE
will further reduce the possibility of noise corrupting these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com