Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA06T/FP Datasheet(PDF) 3 Page - Rohm

Part # BA06T/FP
Description  Low saturation voltage type 3-pin regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA06T/FP Datasheet(HTML) 3 Page - Rohm

  BA06T/FP Datasheet HTML 1Page - Rohm BA06T/FP Datasheet HTML 2Page - Rohm BA06T/FP Datasheet HTML 3Page - Rohm BA06T/FP Datasheet HTML 4Page - Rohm BA06T/FP Datasheet HTML 5Page - Rohm BA06T/FP Datasheet HTML 6Page - Rohm BA06T/FP Datasheet HTML 7Page - Rohm BA06T/FP Datasheet HTML 8Page - Rohm BA06T/FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
29
Standard ICs
BA
ffT / FP series
FElectrical characteristics
BA03T / FP (unless otherwise noted, Ta = 25
_C, VCC = 8V, Io = 500mA)
BA033T / FP (unless otherwise noted, Ta = 25
_C, VCC = 8V, Io = 500mA)
BA05T / FP (unless otherwise noted, Ta = 25
_C, VCC = 10V, Io = 500mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com