Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL300 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 22Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 23Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 24Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
AL300
November 28, 2001
21
6.9.3 Bypass Mode
This mode is only good for the application in which the input and output resolution are the same.
Basically, the input clock and H-sync timing are used for the output timing and therefore the picture is
not zoomed. However, the data can be processed by all of the internal data processing hardware and
OSD circuit, except for the scaling function. Only some registers that are used for the previous two
modes are affected. Details about programming the related registers can be found in the Register
Definition section.
6.10 Interrupt
The interrupt signal can be triggered by one or a combination of any of the three following events.
1. When the line rate of the input video changes.
2. When input VSYNC arrives.
3. When the odd field arrives.
Register IREQSOURCE (Reg. #40h) decides which interrupt event(s) are used to trigger the
interrupt. The first interrupt source is helpful in automatically detecting the mode changes. The
second interrupt source can be used to do a periodic routine during the vertical blanking region. The
last interrupt source can be used to do a periodic routine in the odd field of interlaced input video.
Upon receiving the interrupt request from the AL300, the micro-controller needs to first check the
interrupt event by reading the register IREQSTATUS (Reg. #65h) to decide what operations to
perform. After the interrupt routine is complete, the interrupt status register is reset by writing the
register IREQSOURCE (Reg. #40h) and then it becomes ready for the next interrupt request.
6.11 On Screen Display (OSD)
Two independent On-Screen-Display (OSD) windows provide overlay for a control menu, text, or
caption on the output display. The AL300’s OSD is very flexible in the way that the font, size, and
display location are all programmable. The internal 1K byte SRAM provides storage for the OSD
information. The OSD can be operated with only this internal SRAM or with an external ROM to
store font tables or even larger bitmaps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com