Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C875KI Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C875KI
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KI Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C875KI Datasheet HTML 19Page - Advanced Micro Devices AM79C875KI Datasheet HTML 20Page - Advanced Micro Devices AM79C875KI Datasheet HTML 21Page - Advanced Micro Devices AM79C875KI Datasheet HTML 22Page - Advanced Micro Devices AM79C875KI Datasheet HTML 23Page - Advanced Micro Devices AM79C875KI Datasheet HTML 24Page - Advanced Micro Devices AM79C875KI Datasheet HTML 25Page - Advanced Micro Devices AM79C875KI Datasheet HTML 26Page - Advanced Micro Devices AM79C875KI Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Am79C875
23
PHY Control and Management Block
(PCM Block)
Register Administration for 100BASE-X PHY
Device
The management interface specified in Clause 22 of
the IEEE 802.3u standard provides for a simple two
wire, serial interface to connect a management entity
and a managed PHY for the purpose of controlling the
PHY and gathering status information. The two lines
are Management Data Input/Output (MDIO) and
Management Data Clock (MDC). A station manage-
ment entity which is attached to multiple PHY entities
must have prior knowledge of the appropriate PHY ad-
dress for each PHY entity.
Description of the Methodology
The management interface physically transports man-
agement information across the RMII. The information
is encapsulated in a frame format as specified in
Clause 22 of IEEE 802.3u draft standard and is shown
in Table 3.
Table 3. Clause 22 Management Frame Format
PRE
ST
OP
PHYAD
REGADD
TA
DATA
IDLE
READ
1.1
01
10
AAAAA
RRRRR
Z0
D...........D
Z
WRITE
1.1
01
01
AAAAA
RRRRR
10
D...........D
Z
The PHYAD field, which is five bits wide, allows 32
unique PHY addresses. The managed PHY layer de-
vice that is connected to a station management entity
via the MII interface has to respond to transactions
addressed to the PHY's address. A station manage-
ment entity attached to multiple PHYs, such as in a
managed 802.3 Repeater or Ethernet switch, is re-
quired to have prior knowledge of the appropriate PHY
address.
Setting the PHYAD Bits
The PHYAD of each port is the combination of the set-
ting of the NetPHY™ 4LP device and the port number.
The NetPHY™ 4LP device is set by PHYAD[4:2] at the
rising edge of RST. The lower two bits of the PHYAD
are set by the individual ports in the PHY. If the
PHYAD[4:2] is set to 010, the PHYAD of each port is as
follows:
Port 0
01000
Port 1
01001
Port 2
01010
Port 3
01011
Section 22 of the IEEE 802.3 standard states that all
PHY devices connected to a mechanical interface will
respond to PHYAD “00000” command regardless of
the actual address of the PHY. There are applications
where it is necessary to avoid setting the PHYAD of a
port to “00000.” The NetPHY™ 4LP contains a mecha-
nism that allows the PHYADs to be shifted by 1. The
PHYAD_ST pin enables this mechanism. If the pin is
LOW at power-up, the PHYADs are incremented by 1.
To set the PHYAD pins, use pull-up or pull-down resis-
tors in the range of 1 K
Ω to 4.7 KΩ.
If PHYAD is set to 000, the address of each port is as
follows:
Port 0
00001
Port 1
00010
Port 2
00011
Port 3
00100
The address shifting carries over the entire address
space. If PHYAD[4:2] is set to 111, the PHYAD for each
port is as follows:
Port 0
11101
Port 1
11110
Port 2
11111
Port 3
00000
Table 4. PHY Address Setting Frame Structure
PRE
ST
OP
PHYAD
REGADD
TA
DATA
IDLE
READ
1.1
01
10
00000
RRRRR
Z0
XXXXXXXXXPPAAAAA
Z
WRITE
1.1
01
01
00000
RRRRR
10
XXXXXXXXXPPAAAAA
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com