Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3403 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC3403
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3403 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC3403 Datasheet HTML 6Page - Microchip Technology TC3403 Datasheet HTML 7Page - Microchip Technology TC3403 Datasheet HTML 8Page - Microchip Technology TC3403 Datasheet HTML 9Page - Microchip Technology TC3403 Datasheet HTML 10Page - Microchip Technology TC3403 Datasheet HTML 11Page - Microchip Technology TC3403 Datasheet HTML 12Page - Microchip Technology TC3403 Datasheet HTML 13Page - Microchip Technology TC3403 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC3403
DS21412B-page 10
© 2002 Microchip Technology Inc.
3.3
VDD Monitor
The TC3403 RESET output is high impedance pro-
vided the voltage at VTH is greater than the internal
voltage reference. This reference is approximately the
same value as the voltage appearing at REFOUT.When
VTH is less than the internal reference, RESET is pulled
low. When VTH rises above the internal reference
voltage again, RESET is held low for the reset active
timeout period, t9, before being released. The RESET
output is ensured to be valid for VDD = 1.3V to 5.5V.
When used to generate a Power-on or Brown-out
Reset, an external resistor network is required to divide
the appropriate VDD threshold down to 1.23V at the
VTH input, (See the Typical Application circuit). For
example, to generate a POR for a VDD at 3V- 10%, then
the values of R1 and R2 should be 137k
Ω and 115kΩ
respectively.
Since RESET is an open drain, it can be wired-OR’ed
with another open drain or external switch if desired.
3.4
Power Fail Detector
The Power Fail detector is a comparator in which the
inverting input is connected to the internal voltage
reference. The non-inverting input is the PFI pin of the
TC3403 and the PFO pin is the active low, open drain
output. This comparator is suitable as an early warning
fail or low battery indicator. In a typical application,
where a voltage regulator is being used to supply
power to a system, the Power Fail comparator would
monitor the input voltage to the regulator while the VDD
monitor would measure the output voltage of the
regulator. Both PFO and RESET would drive interrupt
pins of a microcontroller.
ThePower Fail detector may beusedas a Wake-upor
Watchdog Timer. The Typical Application circuit shows
an RC network on PFI with the capacitor tied to a
tristated
µC I/O pin. If R4 is 1 MΩ and C2 is 10µF, the
time constant is roughly ten seconds. The
µC resets
the RC network by driving the I/O tied to PFI low and
then tristating it. The RC network will ramp to 1.23V in
roughly 9 seconds, assuming a VBATT of 3.0V. With
PFO tied to a
µC input or interrupt, the µC will see a low
to high transition on PFO when the voltage on PFI
exceeds 1.23V. The PFO output is specified to be valid
for VDD =1.3 to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com