Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP135K2 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # TCP135K2
Description  DUAL ASYMMETRICAL TRANSIENT SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCP135K2 Datasheet(HTML) 2 Page - Microsemi Corporation

  TCP135K2 Datasheet HTML 1Page - Microsemi Corporation TCP135K2 Datasheet HTML 2Page - Microsemi Corporation TCP135K2 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 2
Copyright
 2000
TCP135K2.PDF 2001-09-13
TCP135K2
DUAL ASYMMETRICAL TRANSIENT
SUPPRESSOR
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
Notes: 1. VBO and IBO measurement at AC 50/60 Hz
2. Cp measurement at VD = -60 V –0 V, VAC = 100 mV, fAC = 100 KHz
ABSOLUTE LIMITING VALUES
Symbol
Parameter
Conditions
Value
Unit
ITSP
Non-repetitive on-state peak pulse current
0.3/300
µs RLM-88
+/- 2 X 20
A
ITSM
Non-repetitive on-state RMS current
50/60 Hz AC 0.2 s
50/60 Hz AC
5 s
50/60 Hz AC 900 s
4.6
1.0
0.35
A
A
A
TJ
Junction temperature range
-40 +150
C
Tstg
Storage temperature range
-40 +150
C
ELECTRICAL CHARACTERISTICS (TJ = O – 70°C)
Parameter
VDRM
IDRM
IH
IBO
VBO
Cp
V
µA
mA
mA
V
pF
Terminal
max
min
max
min
max
min
max
min
max
min
max
Notes
Tip-Ground
+131
-183
+10
-10
+110
-110
+110
-110
+145
-195
100
1, 2
Ring-Ground
+131
-183
+10
-10
+110
-110
+110
-110
+145
-195
100
1, 2
IMPULSE BREAKDOWN VOLTAGE CHARACTERISTIC VALUES
Terminal
Tip-Ground
Ring-Ground
V
V
Temperature
min
max
min
max
Test Condition
TJ = 0°C
-250
+198
-250
+198
TJ = 25°C
-254
+202
-254
+202
TJ = 70°C
-261
+209
-261
+209
0.3/300
µs
± 2 X 2 A
per RLM - 88



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com