Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS276 Datasheet(PDF) 6 Page - Anachip Corp

Part # ATS276
Description  Complementary Output Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS276 Datasheet(HTML) 6 Page - Anachip Corp

  ATS276 Datasheet HTML 1Page - Anachip Corp ATS276 Datasheet HTML 2Page - Anachip Corp ATS276 Datasheet HTML 3Page - Anachip Corp ATS276 Datasheet HTML 4Page - Anachip Corp ATS276 Datasheet HTML 5Page - Anachip Corp ATS276 Datasheet HTML 6Page - Anachip Corp ATS276 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Complementary Output Hall Effect Latch
ATS276/277
Anachip Corp.
www.anachip.com.tw
Rev.B1 Mar 17, 2004
6/7
ATC
Operating Characteristics
Marking side
S
Bhy
Vsat
Vcc
Vd
Brp
Bop
0
S
N
( Magnetic flux density )
DO
High
Low
( SIP4 )
N
Marking Information
27X
Part Number
Year:
( Top View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code: A ~ Z
Blank : normal
L : Lead Free Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com