Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1206GFX7RDBB103 Datasheet(PDF) 13 Page - YAGEO Corporation

Part # CS1206GFX7RDBB103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1206GFX7RDBB103 Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button CS1206GFX7RDBB103 Datasheet HTML 9Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 10Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 11Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 12Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 13Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 14Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 15Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 16Page - YAGEO Corporation CS1206GFX7RDBB103 Datasheet HTML 17Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
DESCRIPTION
VALUE
Capacitance range
100 pF to 2.2µF
Dissipation factor (D.F.)
NPO
C < 30 pF
≤ 1 / (400 + 20C )
C ≥ 30 pF
≤ 0.1 %
X7R
16V
0402
0603
0805
1206
1210
1808 1812
100pF to 22nF
100pF to 220nF
150pF to 470nF
220pF to 1
µF
2.2nF to 1
µF
≤ 3.5%
27nF to 100nF
470nF to 1
µF
680 nF to 2.2
µF
2.2
µF
≤ 5%
4.7
µF
10
µF
2.2
µF to 22µF
≤ 10%
25V
100pF to 10nF
100pF to 39nF
150pF to 180nF
220pF to 680nF
2.2nF to 1
µF
≤ 2.5%
12 nF to 47nF
47nF to 220nF
220nF to 470nF
1
µF
≤ 3.5%
56nF to 100nF
680nF to 1
µF
2.2
µF
≤ 5%
270nF to 1
µF
10
µF
2.2
µF to 10µF
≤ 10%
50V
100pF to 10nF
100pF to 39nF
150pF to 180nF
220pF to 470nF
2.2nF to 1
µF
2.2nF to 1
µF ≤ 2.5%
12 nF to 47nF
47nF to 220nF
220nF to 470nF
680nF to 1
µF
≤ 3.5%
680nF
≤ 5%
1
µF
2.2
µF to 10µF
≤ 10%
100V
All
100pF to 10nF
All
220pF to 680nF
2.2nF to 680nF
All
≤ 2.5%
1
µF
1
µF
≤ 3.5%
12nF to 100nF
2.2
µF
≤ 5%
2
50V to 3KV
All
All
All
All
All
All
≤ 2.5%
Insulation resistance after 1 minute at Ur (DC)
I.R. ≥ 10 GΩ or R × C ≥ 500 seconds whichever is less
R × C ≥ 100 seconds :
X7R/0805/4.7µF/16V ;
X7R/1206/10µF/16V to 25V ;
X7R/1210/2.2µF to 10µF/16V to 50V, X7R/1210/2.2µF/100V ;
Maximum capacitance change as a function of temperature
NPO: ± 30ppm
(temperature characteristic/coefficient):
X7R: ± 15%
Operating temperature range:
–55 °C to +125 °C
Table 11
Table 12
SOLDERING RECOMMENDATION
SOLDERING
METHOD
SIZE
0402
0603
0805
1206
≥ 1210
Reflow
Reflow only
>
1.0 µF
>
2.2 µF
>
2.2 µF
Reflow only
Reflow/Wave
≤
1.0 µF
≤
2.2 µF
≤
2.2 µF
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com