Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5401 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5401
Description  Four linear-taper digitally programmable potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5401 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5401 Datasheet HTML 1Page - Catalyst Semiconductor CAT5401 Datasheet HTML 2Page - Catalyst Semiconductor CAT5401 Datasheet HTML 3Page - Catalyst Semiconductor CAT5401 Datasheet HTML 4Page - Catalyst Semiconductor CAT5401 Datasheet HTML 5Page - Catalyst Semiconductor CAT5401 Datasheet HTML 6Page - Catalyst Semiconductor CAT5401 Datasheet HTML 7Page - Catalyst Semiconductor CAT5401 Datasheet HTML 8Page - Catalyst Semiconductor CAT5401 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
CAT5401
Document No. 2010, Rev. F
P
WP:
Write Protect
WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When WP is tied low, all
non-volatile write operations to the Data registers are inhibited (change of wiper control register is allowed).
WP going low while
CS is still low will interrupt a write to the registers. If the internal write cycle has already been initiated,
WP going low will have no
effect on any write operation.
HOLD: Hold
The
HOLD pin is used to pause transmission to the CAT5401 while in the middle of a serial sequence without having to re-
transmit entire sequence at a later time. To pause,
HOLD must be brought low while SCK is low. The SO pin is in a high imped-
ance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication,
HOLD is
brought high, while SCK is low. (
HOLD should be held high any time this function is not being used.) HOLD may be tied high
directly to VCC or tied to VCC through a resistor.
PIN DESCRIPTION
Pin
Pin
Pin
(SOIC)
(TSSOP) (BGA) Name
Function
1
19
C1
VCC
Supply Voltage
220
B1
RL0
Low Reference Terminal
for Potentiometer 0
321
C2
RH0
High Reference Terminal
for Potentiometer 0
422
A1
RW0
Wiper Terminal for Potentiometer 0
523
A2
CS
Chip Select
624
B2
WP
Write Protection
7
1
B3
SI
Serial Input
8
2
A3
A1
Device Address
93
A4
RL1
Low Reference Terminal
for Potentiometer 1
10
4
C3
RH1
High Reference Terminal
for Potentiometer 1
11
5
B4
RW1
Wiper Terminal for Potentiometer 1
12
6
C4
GND
Ground
13
7
D4
NC
No Connect
14
8
E4
RW2
Wiper Terminal for
Potentiometer 2
15
9
D3
RH2
High Reference Terminal
for Potentiometer 2
16
10
F4
RL2
Low Reference Terminal
for Potentiometer 2
17
11
F3
SCK
Bus Serial Clock
18
12
E3
HOLD
Hold
19
13
E2
SO
Serial Data Output
20
14
F2
A0
Device Address, LSB
21
15
F1
RW3
Wiper Terminal for Potentiometer 3
22
16
D2
RH3
High Reference Terminal
for Potentiometer 3
23
17
E1
RL3
Low Reference Terminal
for Potentiometer 3
24
18
D1
NC
No Connect
PIN DESCRIPTIONS
SI:
Serial Input
SI is the serial data input pin. This pin is used to input
all opcodes, byte addresses and data to be written to
the CAT5401. Input data is latched on the rising edge
of the serial clock.
SO:
Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the CAT5401. During a read
cycle, data is shifted out on the falling edge of the
serial clock.
SCK:
Serial Clock
SCK is the serial clock pin. This pin is used to
synchronize the communication between the
microcontroller and the CAT5401. Opcodes, byte
addresses or data present on the SI pin are latched
on the rising edge of the SCK. Data on the SO pin is
updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when address-
ing multiple devices. A total of four devices can be
addressed on a single bus. A match in the slave
address must be made with the address input in
order to initiate communication with the CAT5401.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW:
Wiper
The four RW pins are equivalent to the wiper terminal
of a mechanical potentiometer.
C
CS:
Chip Select
CS is the Chip select pin. CS low enables the
CAT5401 and
CS high disables the CAT5401. CS high
takes the SO output pin to high impedance and forces
the devices into a Standby mode (unless an internal
write operation is underway). The CAT5401 draws
ZERO current in the Standby mode. A high to low
transition on
CS is required prior to any sequence
being initiated. A low to high transition on
CS after a
valid write sequence is what initiates an internal write
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com