Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16VV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS16VV
Description  Triple high-speed switching diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16VV Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS16VV Datasheet HTML 1Page - NXP Semiconductors BAS16VV Datasheet HTML 2Page - NXP Semiconductors BAS16VV Datasheet HTML 3Page - NXP Semiconductors BAS16VV Datasheet HTML 4Page - NXP Semiconductors BAS16VV Datasheet HTML 5Page - NXP Semiconductors BAS16VV Datasheet HTML 6Page - NXP Semiconductors BAS16VV Datasheet HTML 7Page - NXP Semiconductors BAS16VV Datasheet HTML 8Page - NXP Semiconductors BAS16VV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 13856
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2004
5 of 12
Philips Semiconductors
BAS16VV; BAS16VY
Triple high-speed switching diodes
(1) Tj = 150 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Based on square wave currents.
Tj = 25 °C prior to surge.
Fig 1.
Forward current as a function of forward
voltage.
Fig 2.
Maximum permissible non-repetitive peak
forward current as a function of pulse duration.
f = 1 MHz; Tj = 25 °C.
Fig 3.
Reverse current as a function of junction
temperature.
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values.
02
300
IF
(mA)
0
100
200
mbg382
1
VF (V)
(1)
(2)
(3)
mgw103
tp (µs)
1104
103
10
102
1
10
IFSM
(A)
10−1
105
104
10
200
0
mga884
100
Tj (°C)
IR
(nA)
103
102
75 V
25 V
typ
max
VR = 75 V
typ
08
16
12
4
0.8
0.6
0
0.4
0.2
mbg446
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com