Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7241 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7241
Description  High-Precision LDO 60mA C-MOS Voltage Regulator with Standby
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7241 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7241 Datasheet HTML 1Page - New Japan Radio NJU7241 Datasheet HTML 2Page - New Japan Radio NJU7241 Datasheet HTML 3Page - New Japan Radio NJU7241 Datasheet HTML 4Page - New Japan Radio NJU7241 Datasheet HTML 5Page - New Japan Radio NJU7241 Datasheet HTML 6Page - New Japan Radio NJU7241 Datasheet HTML 7Page - New Japan Radio NJU7241 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU7241 Series
•V
O=5.0V
(CIN=0.1
µF, C
O=10
µF, Ta=25°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
VIN=6.0V, IO=30mA
4.900
5.000
5.100
V
Dropout Voltage
∆V
IO
IO=60mA
0.2
0.3
V
Input Voltage
VIN
14
V
Operating Current
IDD1
VIN=6.0V, VSTB=VIN, No Load
20
40
µA
Standby Current
IDD2
VIN=6.0V, VSTB=GND
0.1
1.0
µA
Input Current
ISTB
VIN=6.0V, VSTB=VIN
3.5
7.0
µA
Load Regulation
∆V
O/
∆I
O
VIN=6.0V, 1mA≦IO≦60mA
35
120
mV
Line Regulation
∆V
O/
∆V
IN
VIN=6.0V
∼12V
0.10
%/V
Ripple Rejection
RR
VIN=6.0V, ein=0.5Vp-p, 1kHz
55
dB
H Level Input Voltage
VSTBH
1.5
VIN
V
L Level Input Voltage
VSTBL
0
0.25
V
•V
O=5.9V
(CIN=0.1
µF, C
O=10
µF, Ta=25°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
VIN=6.9V, IO=30mA
5.782
5.900
6.018
V
Dropout Voltage
∆V
IO
IO=60mA
0.2
0.3
V
Input Voltage
VIN
14
V
Operating Current
IDD1
VIN=6.9V, VSTB=VIN, No Load
20
40
µA
Standby Current
IDD2
VIN=6.9V, VSTB=GND
0.1
1.0
µA
Input Current
ISTB
VIN=6.9V, VSTB=VIN
4.4
8.8
µA
Load Regulation
∆V
O/
∆I
O
VIN=6.9V, 1mA≦IO≦60mA
35
120
mV
Line Regulation
∆V
O/
∆V
IN
VIN=6.9V
∼12V
0.10
%/V
Ripple Rejection
RR
VIN=6.9V, ein=0.5Vp-p, 1kHz
55
dB
H Level Input Voltage
VSTBH
1.5
VIN
V
L Level Input Voltage
VSTBL
0
0.25
V
•V
O=6.0V
(CIN=0.1
µF, C
O=10
µF, Ta=25°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
VIN=7.0V, IO=30mA
5.880
6.000
6.120
V
Dropout Voltage
∆V
IO
IO=60mA
0.2
0.3
V
Input Voltage
VIN
14
V
Operating Current
IDD1
VIN=7.0V, VSTB=VIN, No Load
20
40
µA
Standby Current
IDD2
VIN=7.0V, VSTB=GND
0.1
1.0
µA
Input Current
ISTB
VIN=7.0V, VSTB=VIN
4.5
9.0
µA
Load Regulation
∆V
O/
∆I
O
VIN=7.0V, 1mA≦IO≦60mA
35
120
mV
Line Regulation
∆V
O/
∆V
IN
VIN=7.0V
∼12V
0.10
%/V
Ripple Rejection
RR
VIN=7.0V, ein=0.5Vp-p, 1kHz
55
dB
H Level Input Voltage
VSTBH
1.5
VIN
V
L Level Input Voltage
VSTBL
0
0.25
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com