Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800DB-100WCI Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29SL800DB-100WCI
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB-100WCI Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29SL800DB-100WCI Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 11Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 12Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 13Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 14Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 15Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 16Page - Advanced Micro Devices AM29SL800DB-100WCI Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
ADV ANCE
I N FO RMAT I O N
12
Am29SL800D
March 17, 2003
Table 3.
Am29SL800DB Bottom Boot Block Sector Address Table
Note for Tables 2 and 3: Address range is A18:A-1 in byte mode and A18:A0 in word mode. See “Word/Byte Configuration”
section for more information.
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0000
00
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0000
010
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0000
011
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0000
1
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0001
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0010
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0011
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
0100
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
0101
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
0110
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
0111
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA11
1000
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA12
1001
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA13
1010
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA14
1011
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA15
1100
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA16
1101
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA17
1110
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA18
1111
X
X
X
64/32
F0000h–FFFFFh
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com