Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5886 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5886
Description  High-Speed Swtching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5886 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5886 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5886
2002-08-21
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5886
High-Speed Swtching Applications
DC-DC Converter Applications
· High DC current gain: hFE = 400 to 1000 (IC = 0.5 A)
· Low collector-emitter saturation: VCE (sat) = 0.22 V (max)
· High-speed switching: tf = 55 ns (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
VCEX
80
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
7
V
DC
IC
5
Collector current
Pulse
ICP
10
A
Base current
IB
0.5
A
Ta
= 25°C
1
Collector power
dissipation
Tc
= 25°C
Pc
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 100 V, IE = 0
¾
¾
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
¾
¾
100
nA
Collector-emitter brakedown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
¾
¾
V
hFE (1)
VCE = 2 V, IC = 0.5 A
400
¾
1000
DC current gain
hFE (2)
VCE = 2 V, IC = 1.6 A
200
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 1.6 A, IB = 32 mA
¾
¾
0.22
V
Base-emitter saturation voltage
VBE (sat)
IC = 1.6 A, IB = 32 mA
¾
¾
1.10
V
Rise time
tr
¾
63
¾
Storage time
tstg
¾
560
¾
Switching time
Fall time
tf
See Figure 1 circuit diagram
VCC ~- 24 V, RL = 15 W
IB1 = 32 mA, IB2 = -53 mA
¾
55
¾
ns
Unit: mm
JEDEC
―
JEITA
SC-64
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC5886

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5886 TOSHIBA-2SC5886 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5886 TOSHIBA-2SC5886 Datasheet
176Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
2010-02-05
2SC5886A TOSHIBA-2SC5886A Datasheet
139Kb / 5P
High-Speed Switching Applications
2SC5886A TOSHIBA-2SC5886A Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC5886A ISC-2SC5886A Datasheet
290Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5886

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1127 SANYO-2SB1127 Datasheet
89Kb / 3P
20V/5A Swtching Applications
logo
Toshiba Semiconductor
2SA2097 TOSHIBA-2SA2097 Datasheet
123Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
2SC5886 TOSHIBA-2SC5886_06 Datasheet
141Kb / 5P
Silicon NPN Epitaxial Type High-Speed Swtching Applications
2SA2097 TOSHIBA-2SA2097_06 Datasheet
153Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
logo
Isahaya Electronics Cor...
INK0310AP1 ISAHAYA-INK0310AP1 Datasheet
124Kb / 5P
High Speed Swtching Silicon N-channel MOSFET
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
High Speed Applications
IRF221 ISC-IRF221 Datasheet
48Kb / 2P
High Speed Applications
IRF223 ISC-IRF223 Datasheet
48Kb / 2P
High Speed Applications
IRF224 ISC-IRF224 Datasheet
48Kb / 2P
High Speed Applications
IRF225 ISC-IRF225 Datasheet
48Kb / 2P
High Speed Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com