Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55FG160 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD55FG160
Description  AC/DC motor drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PD55FG160 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD55FG160 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD55FG160 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE)55FG
THYRISTOR MODULE
Symbol
Item
Conditions
Ratings
55
Unit
IT(AV)
*Average On-state Current
IT(RMS)
*R.M.S. On-state Current
Single phase, half wave, 180
°conduction, Tc=81℃
Single phase, half wave, 180
°conduction, Tc=81℃
ITSM
*Surge On-state Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
/2 Cycle, 50/60HZ, Peak Value, non-repetitive
Value for one cycle surge current
A
86
A
1190/1300
A
7040
10
A2S
W
1
VRGM
Peak Gate Voltage (Reverse)
di/dt
Critical Rate of Rise of On-state Current
IG
=100mA,
VD
=1/2VDRM,
diG/dt
=0.1A/μs
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
Typical Value
3
W
A
10
V
5
V
100
A/
μs
−40 to +125
℃
VISO
*Isolation Breakdown Voltage(R.M.S)
A.C. 1minute
2500
V
−40 to +125
2.7
(28)
2.7
(28)
170
℃
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
15
Unit
IDRM
Repetitive Peak off-state Current,max
IRRM
*Repetitive Peak Reverse Current,max
Tj
=125℃,VD=VDRM
Tj
=125℃,VD=VDRM
VTM
*On-state Voltage,max
IGT
Gate Trigger Current,max
VGD
Gate Trigger Voltage,min
dv/dt
Critical Rate of Rise of off-state Voltage,min
IT
=165A
VD
=6V,IT=1A
mA
15
mA
1.6
V
50
Tj
=125℃,VD=1/2VDRM
0.25
mA
VGT
Gate Trigger Voltage,max
VD
=6V,IT=1A
3
V
V
Tj
=125℃,VD=2/3VDRM
Rth
(j-c)*Thermal Impedance,max
Junction to case
1000
V/
μs
0.5
℃/W
■Electrical Characteristics
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
92.
0
20.
0 20.
0 20.
0
80.
0±0.
2
NAME PLATE
M5×10
2.
8
17.
5
4-#110TAB
2-φ6.
0
Unit
:A
●
IT(AV) 55A, IT(RMS) 86A, ITSM 1300A
●
di/dt 100A/
μs
●
dv/dt 1000V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
Internal Configurations
Power Thyristor/Diode Module PK55FG series are designed for various rectifier circuits
and power controls. For your circuit application, following internal connections and wide
voltage ratings up to 1600V are available. and electrically isolated mounting base make
your mechanical design easy.
Symbol
Item
PK55FG40
PD55FG40
PE55FG40
Ratings
PK55FG120
PD55FG120
PE55FG120
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
1200
V
480
1300
V
400
PK55FG80
PD55FG80
PE55FG80
800
960
800
1200
PK55FG160
PD55FG160
PE55FG160
1600
1700
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
*Repetitive Peak off-state Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
UL;E76102
(M)
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD


Similar Part No. - PD55FG160

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PD55F120 SANREX-PD55F120 Datasheet
128Kb / 2P
THYRISTOR MODULE
PD55F160 SANREX-PD55F160 Datasheet
128Kb / 2P
THYRISTOR MODULE
PD55F40 SANREX-PD55F40 Datasheet
128Kb / 2P
THYRISTOR MODULE
PD55F80 SANREX-PD55F80 Datasheet
128Kb / 2P
THYRISTOR MODULE
More results

Similar Description - PD55FG160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
logo
Vincotech
V23990-K420-A50-P3-14 VINCOTECH-V23990-K420-A50-P3-14 Datasheet
455Kb / 23P
Industrial Motor Drives
V23990-K428-A50-P3-14 VINCOTECH-V23990-K428-A50-P3-14 Datasheet
454Kb / 23P
Industrial Motor Drives
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
Industrial Motor Drives
logo
International Rectifier
IR2137IGBT IRF-IR2137IGBT_15 Datasheet
90Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
Motor drives
V3.0 2017-04-04
logo
International Rectifier
IRG8CH37K10F IRF-IRG8CH37K10F Datasheet
201Kb / 4P
Industrial Motor Drives
IRG8CH97K10F IRF-IRG8CH97K10F Datasheet
209Kb / 4P
Industrial Motor Drives
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
Motor Controllers AC Variable Frequency Drives
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com