Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP100LC-120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMP100LC-120
Description  TELECOM EQUIPMENT PROTECTION: TRISIL?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-120 Datasheet(HTML) 2 Page - STMicroelectronics

  SMP100LC-120 Datasheet HTML 1Page - STMicroelectronics SMP100LC-120 Datasheet HTML 2Page - STMicroelectronics SMP100LC-120 Datasheet HTML 3Page - STMicroelectronics SMP100LC-120 Datasheet HTML 4Page - STMicroelectronics SMP100LC-120 Datasheet HTML 5Page - STMicroelectronics SMP100LC-120 Datasheet HTML 6Page - STMicroelectronics SMP100LC-120 Datasheet HTML 7Page - STMicroelectronics SMP100LC-120 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMP100LC-xxx
2/8
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient with recommended footprint
100
°C/W
Rth(j-l)
Junction to leads
20
°C/W
THERMAL RESISTANCES
STANDARD
Peak Surge
Voltage
(V)
Voltage
Waveform
Required
peak current
(A)
Current
waveform
Minimum serial
resistor to meet
standard ( )
GR-1089 Core
First level
2500
1000
2/10 µs
10/1000 µs
500
100
2/10 µs
10/1000 µs
0
0
GR-1089 Core
Second level
5000
2/10 µs
500
2/10 µs
0
GR-1089 Core
Intra-building
1500
2/10 µs
100
2/10 µs
0
ITU-T-K20/K21
6000
1500
10/700 µs
150
37.5
5/310 µs
0
0
ITU-T-K20
(IEC61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
VDE0433
4000
2000
10/700 µs
100
50
5/310 µs
0
0
VDE0878
4000
2000
1.2/50 µs
100
50
1/20 µs
0
0
IEC61000-4-5
4000
4000
10/700 µs
1.2/50 µs
100
100
5/310 µs
8/20 µs
0
0
FCC Part 68, lightning
surge type A
1500
800
10/160 µs
10/560 µs
200
100
10/160 µs
10/560 µs
0
0
FCC Part 68, lightning
surge type B
1000
9/720 µs
25
5/320 µs
0
IN COMPLIANCES WITH THE FOLLOWING STANDARDS
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at VRM
VR
Continuous reverse voltage
IR
Leakage current at VR
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com