Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM221H Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM221H
Description  Precision Preamplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM221H Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM221H Datasheet HTML 1Page - National Semiconductor (TI) LM221H Datasheet HTML 2Page - National Semiconductor (TI) LM221H Datasheet HTML 3Page - National Semiconductor (TI) LM221H Datasheet HTML 4Page - National Semiconductor (TI) LM221H Datasheet HTML 5Page - National Semiconductor (TI) LM221H Datasheet HTML 6Page - National Semiconductor (TI) LM221H Datasheet HTML 7Page - National Semiconductor (TI) LM221H Datasheet HTML 8Page - National Semiconductor (TI) LM221H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH7769
February 1995
LM221LM321 Precision Preamplifiers
General Description
The LM221 series are precision preamplifiers designed to
operate with general purpose operational amplifiers to dras-
tically decrease dc errors Drift bias current common mode
and supply rejection are more than a factor of 50 better than
standard op amps alone Further the added dc gain of the
LM221 decreases the closed loop gain error
The LM221 series operates with supply voltages from g3V
to g20V and has sufficient supply rejection to operate from
unregulated supplies The operating current is programma-
ble from 5 mAto200 mA so bias current offset current gain
and noise can be optimized for the particular application
while still realizing very low drift Super-gain transistors are
used for the input stage so input error currents are lower
than conventional amplifiers at the same operating current
Further the initial offset voltage is easily nulled to zero
The extremely low drift of the LM221 will improve accuracy
on almost any precision dc circuit For example instrumen-
tation amplifier strain gauge amplifiers and thermocouple
amplifiers now using chopper amplifiers can be made with
the LM221 The full differential input and high common-
mode rejection are another advantage over choppers For
applications where low bias current is more important than
drift the operating current can be reduced to low values
High operating currents can be used for low voltage noise
with low source resistance The programmable operating
current of the LM221 allows tailoring the input characteris-
tics to match those of specialized op amps
The LM221 is specified over a b25 Cto a85 C range and
the LM321 over a 0 Cto a70 C temperature range
Features
Y
Guaranteed drift of LM321A02 mV C
Y
Guaranteed drift of LM221 series1 mV C
Y
Offset voltage less than 04 mV
Y
Bias current less than 10 nA at 10 mA operating current
Y
CMRR 126 dB minimum
Y
120 dB supply rejection
Y
Easily nulled offset voltage
Typical Applications
Thermocouple Amplifier with Cold Junction Compensation
TLH7769 1
Set for 298V at output with LM113
shorted Output should equal ambi-
ent temperature at 10 mV K
Adjust for output reading in C
C1995 National Semiconductor Corporation
RRD B30M115Printed in U S A


Similar Part No. - LM221H

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM221 SEOUL-LM221 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM221 SEOUL-LM221 Datasheet
360Kb / 13P
CYAN LAMP LED
LM221 SEOUL-LM221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM221 SEOUL-LM221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM221 SEOUL-LM221 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM221H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Toshiba Semiconductor
TA7795F TOSHIBA-TA7795F Datasheet
368Kb / 9P
DUAL PREAMPLIFIERS FOR AUTO-REVERSE SYSTEM (1.5V USE)
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com