Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM832 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM832
Description  Dynamic Noise Reduction System DNR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM832 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM832 Datasheet HTML 2Page - National Semiconductor (TI) LM832 Datasheet HTML 3Page - National Semiconductor (TI) LM832 Datasheet HTML 4Page - National Semiconductor (TI) LM832 Datasheet HTML 5Page - National Semiconductor (TI) LM832 Datasheet HTML 6Page - National Semiconductor (TI) LM832 Datasheet HTML 7Page - National Semiconductor (TI) LM832 Datasheet HTML 8Page - National Semiconductor (TI) LM832 Datasheet HTML 9Page - National Semiconductor (TI) LM832 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application Hints (Continued)
TLH5176 12
FIGURE 12 Bar Graph Display of Peak Detector Voltage
TLH5176 13
FIGURE 13 Technique for Measuring SN Improvement of the DNR System
CASCADE CONNECTION
Additional noise reduction can be obtained by cascading the
DNR filters With two filters cascaded the rolloff is 12 dB per
octave For proper operating bandwidth the capacitors on
pin 3 and 12 are changed to 15 nF The resulting noise
reduction is about 17 dB
Figure 15 shows the monaural cascade connection Note
that pin 14 is grounded so only the pin 2 input is fed to the
summing amp and therefore the control path
Figure 14 shows the stereo cascade connection Note that
pin 14 is open circuit as in normal stereo operation
TLH5176 14
R1 a R2
1kX (refer to application hints)
FIGURE 14 Stereo Cascade Connection
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com