Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL2G Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2G
Description  100mA 10kV -Medium Current High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2G Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2G_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL2G_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL2G
100mA 10kV -Medium Current High Voltage Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
10
kV
Average Output Current
IF
Ta=25°C; Resistive Load
100
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz) ; 8.3mS
20
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
12
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
2.0
uA
IR2
at 100°C;VR =VRRM
40
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-415
FEATURES:
1. High reliability design.
2. High voltage design.
3. Low frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. High current and high voltage circuit.
3. General purpose high voltage rectifier.
4. Other .
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.65 grams (approx).


Similar Part No. - 2CL2G_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2G GETEDZ-2CL2G_1 Datasheet
505Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL2G_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FK GETEDZ-2CL2FK Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
2CL2G GETEDZ-2CL2G Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
HVP10 GETEDZ-HVP10 Datasheet
159Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
BRU10SF GETEDZ-BRU10SF Datasheet
527Kb / 2P
250mA 10kV 75nS -High Voltage Medium and High Current Diodes
BR10F GETEDZ-BR10F_17 Datasheet
526Kb / 2P
250mA 10kV 100nS -High Voltage Medium and High Current Diodes
2CL2F GETEDZ-2CL2F_17 Datasheet
536Kb / 2P
100mA 8.0kV -Medium Current High Voltage Diodes
2CL2H GETEDZ-2CL2H_17 Datasheet
536Kb / 2P
100mA 12kV -Medium Current High Voltage Diodes
2CL2J GETEDZ-2CL2J_17 Datasheet
536Kb / 2P
100mA 15kV -Medium Current High Voltage Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com