Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1813 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1813
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 2 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1818/LT1819
18189f
(Note 1)
Total Supply Voltage (V+ to V–) ........................... 12.6V
Differential Input Voltage
(Transient Only, Note 2) .....................................
±6V
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range (Note 8) .. – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Specified Temperature Range (Note 9) ... –40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
B
A
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
1
2
3
OUT 1
V–
+IN
5
4
V+
–IN
+–
LTF7
S5 PART*
MARKING
ORDER PART
NUMBER
LT1818CS5
LT1818IS5
LTE7
LTE5
MS8 PART
MARKING
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 250°C/W (NOTE 10)
TJMAX = 150°C, θJA = 250°C/W (NOTE 10)
LT1819CMS8
LT1819IMS8
TJMAX = 150°C, θJA = 150°C/W (NOTE 10)
1
2
3
4
8
7
6
5
TOP VIEW
–
+
NC
V+
OUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
LT1818CS8
LT1818IS8
ORDER PART
NUMBER
1818
1818I
S8 PART
MARKING
TJMAX = 150°C, θJA = 150°C/W (NOTE 10)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.2
1.5
mV
TA = 0°C to 70°C
q
2.0
mV
TA = –40°C to 85°C
q
3.0
mV
∆VOS/∆T Input Offset Voltage Drift
TA = 0°C to 70°C (Note 7)
q
10
15
µV/°C
TA = –40°C to 85°C (Note 7)
q
10
30
µV/°C
IOS
Input Offset Current
60
800
nA
TA = 0°C to 70°C
q
1000
nA
TA = –40°C to 85°C
q
1200
nA
IB
Input Bias Current
–2
±8
µA
TA = 0°C to 70°C
q
±10
µA
TA = –40°C to 85°C
q
±12
µA
en
Input Noise Voltage Density
f = 10kHz
6
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1.2
pA/
√Hz
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9) VS = ±5V, VCM = 0V, unless otherwise noted.
LT1819CS8
LT1819IS8
ORDER PART
NUMBER
1819
1819I
S8 PART
MARKING
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com