Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5502 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5502
Description  RF Frequency Range: 800MHz to 2.7GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 4 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT5504
4
5504i
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G09
0
fRF = 1.9GHz
fIF = 240MHz
VCC = 5.25V
VCC = 5.25V
VCC = 2.7V
VCC = 2.7V
6
4
2
0
–2
–4
–6
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G07
0
fRF = 1.9GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
Output Voltage
vs RF Input Power and Frequency
Power Up Response Time
Supply Current vs Supply Voltage
and Temperature
Output Voltage and Slope Variation
vs RF Input Power and Temperature
Output Voltage and Slope Variation
vs RF Input Power and IF Frequency
Output Voltage and Slope Variation
vs RF Input Power and Supply Voltage
Output Voltage and Slope Variation
vs RF Input Power and Temperature
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G01
0
fRF = 900MHz
fRF = 2.5GHz
fIF = 240MHz
fRF = 1.9GHz
SUPPLY VOLTAGE (V)
2.5
20
18
16
14
12
10
8
3.0
3.5
4.0
4.5
5504 G02
5.0
5.5
TA = 85°C
TA = 25°C
TA = –40°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G05
0
fRF = 900MHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = 85°C
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–2
TA = 25°C
TA = 25°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G08
0
fRF = 1.9GHz
AVERAGE SLOPE: 23mV/dB
6
4
2
0
–2
–4
–6
400MHz
240MHz
70MHz
fIF = 70MHz
fIF = 240MHz
fIF = 400MHz
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G06
0
fRF = 2.5GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
5504 G03
2
µs/DIV
VOUT
1V/DIV
ENABLE
1V/DIV
VCC = 3V
RF INPUT POWER = 0dBm
ON
OFF
Output Voltage and Slope Variation
vs RF Input Power and Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
6
4
2
0
–2
–4
–6
10
5504 G04
0
fRF = 900MHz
fRF = 2.5GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
50% VARIATION OR
SLOPE = 11.5mV/dB
fRF = 1.9GHz
Output Slope Variation vs
RF Input Power and Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com