Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1795 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1795
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1795 Datasheet(HTML) 4 Page - Linear Technology

  LT1795 Datasheet HTML 1Page - Linear Technology LT1795 Datasheet HTML 2Page - Linear Technology LT1795 Datasheet HTML 3Page - Linear Technology LT1795 Datasheet HTML 4Page - Linear Technology LT1795 Datasheet HTML 5Page - Linear Technology LT1795 Datasheet HTML 6Page - Linear Technology LT1795 Datasheet HTML 7Page - Linear Technology LT1795 Datasheet HTML 8Page - Linear Technology LT1795 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT6301
sn6301 6301f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current
vs Ambient Temperature
Input Common Mode Range
vs Supply Voltage
Input Bias Current
vs Ambient Temperature
SUPPLY VOLTAGE (
±V)
2
V–
1.0
2.0
–2.0
4
6
810
6301 G02
12
–1.0
V+
0.5
1.5
–1.5
–0.5
14
TA = 25°C
∆VOS > 1mV
TEMPERATURE (
°C)
–50
11
13
15
6301 G01
9
7
10
12
14
8
6
5
–30
–10
10
30
50
70
90
VS = ±12V
RBIAS = 24.9k TO SHDN
VSHDNREF = 0V
TEMPERATURE (
°C)
–50
120
160
200
50
6301 G03
80
40
100
140
180
60
20
0
–30
–10
10
30
70
90
VS = ±12V
IS PER AMPLIFIER = 10mA
Input Noise Spectral Density
Output Short-Circuit Current
vs Ambient Temperature
Output Saturation Voltage
vs Ambient Temperature
FREQUENCY (Hz)
1
10
1
100
1k
10k
6301 G04
0.1
10
100
1
10
0.1
100
100k
en
in
TA = 25°C
VS = ±12V
IS PER AMPLIFIER = 10mA
TEMPERATURE (
°C)
–50
600
620
660
680
700
800
740
–10
30
50
6301 G05
640
760
780
720
–30
10
70
90
VS = ±12V
IS PER AMPLIFIER = 10mA
SINKING
SOURCING
TEMPERATURE (
°C)
–50
–0.5
10
6301 G06
1.0
–30
–10
30
0.5
V–
V+
–1.0
–1.5
1.5
50
70
90
VS = ±12V
RL = 100Ω
RL = 100Ω
ILOAD = 250mA
ILOAD = 250mA
Open-Loop Gain and Phase
vs Frequency
–3dB Bandwidth
vs Supply Current
Slew Rate vs Supply Current
FREQUENCY (Hz)
–20
100
120
–40
–60
80
20
60
40
0
100k
10M
100M
6300 G07
–80
–160
80
120
–200
–240
40
–80
0
–40
–120
–280
1M
TA = 25°C
VS = ±12V
AV = –10
RL = 100Ω
IS PER AMPLIFIER = 10mA
PHASE
GAIN
SUPPLY CURRENT PER AMPLIFIER (mA)
2
0
5
15
20
25
6
8
10
12
14
45
6301 G08
10
4
30
35
40
TA = 25°C
VS = ±12V
AV = 10
RL = 100Ω
SUPPLY CURRENT PER AMPLIFIER (mA)
2
600
800
1000
11 12
6301 G09
400
200
500
700
900
300
100
0
345
67
89 10
13 14 15
TA = 25°C
VS = ±12V
AV = –10
RL = 1k
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com