Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW064C Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58LW064C
Description  64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064C Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58LW064C Datasheet HTML 42Page - STMicroelectronics M58LW064C Datasheet HTML 43Page - STMicroelectronics M58LW064C Datasheet HTML 44Page - STMicroelectronics M58LW064C Datasheet HTML 45Page - STMicroelectronics M58LW064C Datasheet HTML 46Page - STMicroelectronics M58LW064C Datasheet HTML 47Page - STMicroelectronics M58LW064C Datasheet HTML 48Page - STMicroelectronics M58LW064C Datasheet HTML 49Page - STMicroelectronics M58LW064C Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
M58LW064C
46/61
APPENDIX B. COMMON FLASH INTERFACE - CFI
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the CFI Query Command (RCFI) is issued
the device enters CFI Query mode and the data
structure is read from the memory. Tables 27, 28,
29, 30, 31 and 32 show the addresses used to re-
trieve the data.
Table 27. Query Structure Overview
Note: 1. Offset 15h defines P which points to the Primary Algorithm Extended Query Address Table.
2. Offset 19h defines A which points to the Alternate Algorithm Extended Query Address Table.
3. SBA is the Start Base Address for each block.
Table 28. CFI - Query Address and Data Output
Note: 1. Query Data are always presented on DQ7-DQ0. DQ15-DQ8 are set to '0'.
2. Offset 19h defines A which points to the Alternate Algorithm Extended Query Address Table.
Offset
Sub-section Name
Description
00h
Manufacturer Code
01h
Device Code
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing and voltage information
27h
Device Geometry Definition
Flash memory layout
P(h)(1)
Primary Algorithm-specific Extended Query Table
Additional information specific to the Primary
Algorithm (optional)
A(h)(2)
Alternate Algorithm-specific Extended Query Table
Additional information specific to the Alternate
Algorithm (optional)
(SBA+02)h
Block Status Register
Block-related Information
Address A22-A1
Data
Instruction
10h
51h
"Q"
51h; "Q"
Query ASCII String
52h; "R"
59h; "Y"
11h
52h
"R"
12h
59h
"Y"
13h
01h
Primary Vendor:
Command Set and Control Interface ID Code
14h
00h
15h
31h
Primary algorithm extended Query Address Table: P(h)
16h
00h
17h
00h
Alternate Vendor:
Command Set and Control Interface ID Code
18h
00h
19h
00h
Alternate Algorithm Extended Query address Table
1Ah(2)
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com