| Electronic Components Datasheet Search |
|
T48C862x-Rf-TNQ Datasheet(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862x-Rf-TNQ Datasheet(HTML) 46 Page - ATMEL Corporation |
|
46 / 107 page ![]() 46 T48C862-R4 [Preliminary] 4551C–4BMCU–01/04 Mode 3/4: 8-bit Compare Counter and 4-bit Programmable Prescaler Figure 39. 4-/8-bit Compare Counter In these modes the 4-bit and the 8-bit counter stages work independently as a 4-bit prescaler and an 8-bit timer with an 2-bit prescaler or as a duty cycle generator. Only in the mode 3 and mode 4, can the 8-bit counter be supplied via the external clock input (T2I) which is selected via the P4CR register. The 4-bit prescaler is started via activating of mode 3 and stopped and reset in mode 4. Changing mode 3 and 4 has no effect for the 8-bit timer stage. The 4-bit stage can be used as prescaler for Timer 3, the SSI or to generate the stop signal for modulator 2 and modulator 3. Timer 2 Output Modes The signal at the timer output is generated via modulator 2. In the toggle mode, the com- pare match event toggles the output T2O. For high resolution duty cycle modulation 8 bits or 12 bits can be used to toggle the output. In the duty cycle burst modulator modes the DCG output is connected to T2O and switched on and off either by the toggle flip- flop output or the serial data line of the SSI. Modulator 2 also has two modes to output the content of the serial interface as Biphase or Manchester code. The modulator output stage can be configured by the output control bits in the T2M2 register. The modulator is started with the start of the shift register (SIR = 0) and stopped either by carrying out a shift register stop (SIR = 1) or compare match event of stage 1 (CM1) of Timer 2. For this task, Timer 2 mode 3 must be used and the prescaler has to be supplied with the internal shift clock (SCL). Figure 40. Timer 2 Modulator Output Stage 4-bit counter 4-bit compare RES 4-bit register 8-bit counter 8-bit compare 8-bit register OVF2 CM2 RES T2RM T2OTM Timer 2 output mode and T2OTM-bit T2IM T2CTM TOG2 INT4 CL2/2 DCG T2D1, 0 DCGO P41M2, 1 P4CR CM1 POUT CL2/1 MUX TOG3 T1OUT SYSCL SCL T2CS1, 0 SYSCL T2I Toggle RES/SET Biphase/ Manchester modulator T2TOP T2OS2, 1, 0 T2M2 T2O M2 M2 S1 S2 S3 Modulator3 RE FE OMSK SSI CONTROL TOG2 SO DCGO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |