Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2209 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2209
Description  For low-frequency power amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2209 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2209 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2209 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2209 Datasheet HTML 3Page - Panasonic Semiconductor 2SC2209 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: January 2003
SJD00097BED
2SC2209
Silicon NPN epitaxial planar type
For low-frequency power amplification
Complementary to 2SA0963
■ Features
• Large collector power dissipation P
C
• Output of 5 W can be obtained by a complementary pair with
2SA0963
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 1 mA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 040
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 20 V, IE = 01
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 10 V, IB = 0
100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 5 V, I
C
= 010
µA
Forward current transfer ratio *
1, 2
hFE
VCE = 5 V, IC = 1 A
80
220
Collector-emitter saturation voltage
VCE(sat)
IC = 1.5 A, IB = 0.15 A
1
V
Base-emitter saturation voltage
VBE(sat)
IC
= 2 A, I
B
= 0.2 A
1.5
V
Transition frequency
fT
VCB = 5 V, IE = − 0.5 A, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = 5 V, IE = 0, f = 1 MHz
50
pF
(Common base, input open circuited)
1: Emitter
2: Collector
3: Base
TO-126A-A1 Package
7.5
+0.5
–0.1
2.9±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.26±0.1
123
120
°
Rank
Q
R
hFE
80 to 160
120 to 220
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
40
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
1.5
A
Peak collector current
ICP
3A
Collector power dissipation *
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) *: TC = 25°C


Similar Part No. - 2SC2209

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2209 SAVANTIC-2SC2209 Datasheet
129Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2209 ISC-2SC2209 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC2209 SAVANTIC-2SC2209 Datasheet
131Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2209 NJSEMI-2SC2209 Datasheet
128Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2209

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2623 PANASONIC-2SD2623 Datasheet
71Kb / 3P
For low-frequency amplification
2SA0900 PANASONIC-2SA0900 Datasheet
71Kb / 3P
For low-frequency Power amplification Complementary
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
For low-frequency power amplification
2SB0942 PANASONIC-2SB0942 Datasheet
75Kb / 3P
For Low-Frequency Power Amplification
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
For Low-Frequency Power Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
For Low-Frequency Amplification
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
For Low-Frequency Amplification
2SD0966 PANASONIC-2SD0966 Datasheet
67Kb / 3P
For Low-Frequency Amplification
2SA0885 PANASONIC-2SA0885 Datasheet
73Kb / 4P
For low-frequency power amplification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com