Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1633 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1633
Description  Silicon NPN triple diffusion planar type darlington
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1633 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1633 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1633 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1633 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD1633
2
SJD00207AED
VBE(sat)  IC
hFE  IC
ton, tstg, tf  IC
PC  Ta
IC  VCE
VCE(sat)  IC
Safe operation area
Rth  t
0
10
30
20
40
0
150
25
125
50
100
75
Ambient temperature T
a (°C)
(1)TC=Ta
(2)With a 100
×100×2mm
Al heat sink
(3)With a 50
×50×2mm
Al heat sink
(4)Without heat sink
(PC=2W)
(1)
(2)
(3)
(4)
06
15
24
3
0
2
4
6
10
8
Collector-emitter voltage V
CE (V)
TC=25˚C
IB=7.0mA
1.0mA
1.5mA
2.0mA
3.0mA
5.0mA
0.5mA
0.3mA
0.2mA
0.1mA
0.01
0.01
0.1
1
10
100
0.1
1
10
Collector current I
C (A)
IC/IB=1000
–25˚C
25˚C
TC=100˚C
0.01
0.01
0.1
1
10
100
0.1
1
10
Collector current I
C (A)
IC/IB=1000
TC=–25˚C
25˚C
100˚C
0.1
1
10
100
10
102
103
104
105
Collector current I
C (A)
VCE=3V
25˚C
–25˚C
TC=100˚C
0.01
0.1
1
10
100
08
26
4
Collector current I
C (A)
Pulsed tw=1ms
Duty cycle=1%
IC/IB=1000
(IB1=–IB2)
VCC=50V
TC=25˚C
tstg
tf
ton
0.01
1
0.1
1
10
100
10
100
1000
Collector-emitter voltage V
CE (V)
Non repetitive pulse
TC=25˚C
ICP
IC
t=150µs
t=10ms
DC
t=1ms
(1)
(2)
(1)Without heat sink
(2)With a 100
×100×2mm Al heat sink
1
10 2
10 1
10
102
103
104
102
10
1
10 1
10 4
10 3
10 2
Time t (s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com