Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3587F Datasheet(PDF) 50 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 50 Page - Micronas

Back Button MAS3587F Datasheet HTML 46Page - Micronas MAS3587F Datasheet HTML 47Page - Micronas MAS3587F Datasheet HTML 48Page - Micronas MAS3587F Datasheet HTML 49Page - Micronas MAS3587F Datasheet HTML 50Page - Micronas MAS3587F Datasheet HTML 51Page - Micronas MAS3587F Datasheet HTML 52Page - Micronas MAS3587F Datasheet HTML 53Page - Micronas MAS3587F Datasheet HTML 54Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
50
Micronas
4. Specifications
4.1. Outline Dimensions
Fig. 4–1:
64-Pin Plastic Low-Profile Quad Flat Pack
(PLQFP64)
Weight approximately 0.35 g
Dimensions in mm
4.2. Pin Connections and Short Descriptions
NC
not connected, leave vacant
LV
If not used, leave vacant
X
obligatory, pin must be connected as described
in application information
(see Fig. 4–30 on page 79)
VDD connect to positive supply
VSS connect to ground
10
0.1
±
1.75
49
64
116
17
32
33
48
D0025/3E
0.5
0.1
12
0.2
±
1.5
0.1
±
1.4
0.05
±
0.145
0.055
±
15 x 0.5 = 7.5
0.1
±
Pin No.
PLQFP
64-pin
Pin Name
Type
Default
Connection
(if not used)
Short Description
1
AGNDC
X
Analog reference voltage
2
MICIN
IN
LV
Input for internal microphone amplifier
3
MICBI
IN
LV
Bias for internal microphone
4
INL
IN
LV
Left A/D input
5
INR
IN
LV
Right A/D input
6
TE
IN
X
Test enable
7
XTI
IN
X
Crystal oscillator (ext. clock) input
8
XTO
OUT
LV
Crystal oscillator output
9POR
IN
X
Power on reset, active low
10
VSS
SUPPLY
X
DSP supply ground
11
XVSS
SUPPLY
X
Digital output supply ground
12
VDD
SUPPLY
X
DSP supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com