Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3221 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3221 Datasheet HTML 7Page - Microchip Technology MCP3221 Datasheet HTML 8Page - Microchip Technology MCP3221 Datasheet HTML 9Page - Microchip Technology MCP3221 Datasheet HTML 10Page - Microchip Technology MCP3221 Datasheet HTML 11Page - Microchip Technology MCP3221 Datasheet HTML 12Page - Microchip Technology MCP3221 Datasheet HTML 13Page - Microchip Technology MCP3221 Datasheet HTML 14Page - Microchip Technology MCP3221 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2003 Microchip Technology Inc.
DS21732B-page 11
MCP3221
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion
Mode (fSAMP = 22.3 ksps), TA = +25°C.
FIGURE 2-37:
IDDS (Standby) vs.
Temperature.
FIGURE 2-38:
Analog Input Leakage vs.
Temperature.
2.1
Test Circuits
FIGURE 2-39:
Typical Test Configuration.
0.0001
0.001
0.01
0.1
1
10
100
1000
-50
-25
0
255075
100
125
Temperature (°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
255075
100
125
Temperature (°C)
0.1 µF
AIN
MCP3221
V
DD = 5V
V
CM = 2.5V
VIN
V
DD
V
SS
10 µF
SDA
SCL
2k
Ω 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com