Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6541 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6541
Description  Push-Pull Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6541 Datasheet HTML 1Page - Microchip Technology MCP6541 Datasheet HTML 2Page - Microchip Technology MCP6541 Datasheet HTML 3Page - Microchip Technology MCP6541 Datasheet HTML 4Page - Microchip Technology MCP6541 Datasheet HTML 5Page - Microchip Technology MCP6541 Datasheet HTML 6Page - Microchip Technology MCP6541 Datasheet HTML 7Page - Microchip Technology MCP6541 Datasheet HTML 8Page - Microchip Technology MCP6541 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2003 Microchip Technology Inc.
DS21696C-page 5
MCP6541/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 kΩ to VDD/2, and CL = 36 pF.
FIGURE 2-1:
Input Offset Voltage
Histogram at VCM =VSS.
FIGURE 2-2:
Input Offset Voltage Drift
Histogram at VCM =VSS.
FIGURE 2-3:
Input Offset Voltage vs.
Ambient Temperature at VCM =VSS.
FIGURE 2-4:
Input Hysteresis Voltage
Histogram at VCM =VSS.
FIGURE 2-5:
Input Hysteresis Voltage
Drift Histogram.
FIGURE 2-6:
Input Hysteresis Voltage vs.
Ambient Temperature at VCM =VSS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-7 -6 -5 -4 -3 -2 -1 012 3456 7
Input Offset Voltage (mV)
1200 Samples
VCM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
-14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14
Input Offset Voltage Drift (µV/°C)
1200 Samples
VCM = VSS
-500
-400
-300
-200
-100
0
100
200
300
400
500
-40
-20
0
20
406080
Ambient Temperature (°C)
VDD = 1.6V
VDD = 5.5V
VCM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2 5.6 6.0
Input Hysteresis Voltage (mV)
1200 Samples
VCM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
26%
2 3 4 5 6 7 8 9 1011 12 131415 16
Input Hysteresis Voltage Drift (µV/°C)
1200 Samples
VCM = VSS
TA = +25°C to +85°C
TA = -40°C to +25°C
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40
-20
0
204060
80
Ambient Temperature (°C)
VDD = 5.5V
VCM = VSS
VDD = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com