| Electronic Components Datasheet Search |
|
ST2L05R1830PS Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST2L05R1830PS Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 23 page ![]() ST2L05 7/23 Table 8: Electrical Characteristics Of Fixed Output 1.8V (IO = 10mA to 1A, TJ = 0 to 125°C, VI = 4.5V to 7V, CI = 4.7µF, CO1 = CO2 = 4.7µF, otherwise specified) NOTE 1: Bandwidth of 10 Hz to 10KHz. NOTE 2: 120Hz input ripple. NOTE 3: CI = 20µF, C1 and CO2 = 10µF. CI, CO1 and CO2 are all X7R ceramic capacitors. NOTE 4: Guaranteed by design, not tested in production. NOTE 5: % undershoot or overshoot of VO. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage 1.8V IO = 5mA to 1A, VI = 4.75 to 5.25V T = 25°C 1.764 1.8 1.836 V VO Output Voltage 1.8V IO = 5mA to 1A, VI = 4.75 to 5.25V 1.746 1.8 1.854 V ∆V O Line Regulation VI = 4.75 to 5.25V, IO = 5mA to 1A 15 mV ∆V O Load Regulation VI = 4.75V, IO = 10mA to 1A 12 mV VD Dropout Voltage ∆V O = -1% IO = 1A 1.3 V IS Current Limit VI = 5.5V 1 A IOMIN Min. Output Current for regulation 0mA eN RMS Output Noise (1)(4) T = 25°C 0.003 % SVR Supply Voltage Rejection (2)(4) VI = 5V 60 dB ∆V O/∆IO Transient Response Change of VO with step load change(3)(4) VI = 5V, IO = 1mA to 1A, tr ≥ 1µs 10(5) % VI = 5V, IO = 1A to 1mA, tf ≥ 1µs 10(5) ∆V O1/∆VI Transient Response Change of VOUT1 with application of VI (3)(4) 0 to 5V step input, IO = 1mA to 1A, tr ≥ 1µs 10(5) % ∆V O/∆IO Transient Response Short Circuit Removal Response (3)(4) VI = 5V, IO = short to IO = 10mA 20(5) % TR Thermal Regulation (4) IO = 1A, tPULSE = 30ms 0.1 %/W S Temperature Stability (4) 0.5 % S Long Term Stability (4) (1000Hrs) TJ = 125°C 0.3 % |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |