Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F862DB154M310 Datasheet(PDF) 2 Page - Kemet Corporation

Part # F862DB154M310
Description  Metallized Polypropylene Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F862DB154M310 Datasheet(HTML) 2 Page - Kemet Corporation

  F862DB154M310 Datasheet HTML 1Page - Kemet Corporation F862DB154M310 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
F
Capacitor Class
F = Film
862
Series
X2, Metallized
Polypropylene
C
Size Code
See Dimensions Table
B
Lead Spacing (mm)
B = 15
D = 22.5
F = 27.5
104
Capacitance Code (pF)
First two digits represent
significant figures. Third digit
specifies number of zeros.
M
Capacitance Tolerance
K = ±10%
M = ±20%
C
Packaging
See Ordering Options Table
310
Voltage (VAC)
310
Electronic Components
Metallized Polypropylene
Film Capacitors
F862 Series for Harsh Environmental Conditions
Class X2, 310 VAC
AUTOMOTIVE
Copyright © 2016 KEMET
SA1016
Electrical/Physical Characteristics
C ≤ 0.1 µF
C > 0.1 µF
0.30%
1 kHz
0.20%
C ≤ 0.33 µF
≥ 30,000 MΩ
310 VAC (50/60 Hz)
Rated Voltage
0.1 to 4.7 µF
Capacitance Range
±10%, ±20%
Tolerance
-40°C to 110°C
Temperature Range
40/110/56
Climatic Category
See Dimensions Table
Case Size
Dissipation Factor
Insulation Resistance
Environmental Test
85°C, 85% RH and 240 VAC, 1,000 hours. Capacitance change (∆C/C): ≤ 10%. Dissipation factor change (∆tan
δ): ≤ 5 * 10−3 (at 1 kHz)
Insulation resistance R
ins or time constant τ = CR. Rins: ≥ 50% of initial limit.
Maximum Values at +23°C
Minimum Values Between Terminals
C > 0.33 µF
≥ 10,000 MΩ-µF
Temperature Humidity Bias (THB)
Dimensions Table
Capacitance Value
(µF)
Box Code
Maximum Dimensions in mm
Lead Spacing
p
dV/dt
(V/µs)
Part Number
B
H
L
0.1
BK
7.5
13.5
18.0
15.0
400
F862BK104(1)310(2)
0.15
BK
7.5
13.5
18.0
15.0
400
F862BK154(1)310(2)
0.22
BP
8.5
14.5
18.0
15.0
400
F862BP224(1)310(2)
0.33
BS
10.0
16.0
18.0
15.0
400
F862BS334(1)310(2)
0.39
BS
10.0
16.0
18.0
15.0
400
F862BS394(1)310(2)
0.47
BY
11.0
19.0
18.0
15.0
400
F862BY474(1)310(2)
0.56
BZ
12.0
20.0
18.0
15.0
400
F862BZ564(1)310(2)
0.15
DB
6.0
14.5
26.0
22.5
200
F862DB154(1)310(2)
0.22
DI
7.0
16.0
26.0
22.5
200
F862DI224(1)310(2)
0.33
DJ
8.5
17.0
26.0
22.5
200
F862DJ334(1)310(2)
0.39
DJ
8.5
17.0
26.0
22.5
200
F862DJ394(1)310(2)
0.47
DO
10.0
18.5
26.0
22.5
200
F862DO474(1)310(2)
0.56
DO
10.0
18.5
26.0
22.5
200
F862DO564(1)310(2)
0.68
DP
11.0
20.0
26.0
22.5
200
F862DP684(1)310(2)
0.82
DP
11.0
20.0
26.0
22.5
200
F862DP824(1)310(2)
1.0
DU
13.0
22.0
26.0
22.5
200
F862DU105(1)310(2)
1.2
DU
13.0
22.0
26.0
22.5
200
F862DU125(1)310(2)
1.0
FC
11.0
20.0
31.5
27.5
150
F862FC105(1)310(2)
1.5
FI
13.0
25.0
31.5
27.5
150
F862FI155(1)310(2)
2.2
FN
14.0
28.0
31.5
27.5
150
F862FN225(1)310(2)
3.3
FS
19.0
29.0
31.5
27.5
150
F862FS335(1)310(2)
4.7
FY
22.0
37.0
31.5
27.5
150
F862FY475(1)310(2)
(1) M = ±20%, K = ±10%
(2) Insert lead and packaging code. See table for available options.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com