Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1094LU Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1094LU Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1094LU Datasheet HTML 1Page - Dallas Semiconductor DS1094LU Datasheet HTML 2Page - Dallas Semiconductor DS1094LU Datasheet HTML 3Page - Dallas Semiconductor DS1094LU Datasheet HTML 4Page - Dallas Semiconductor DS1094LU Datasheet HTML 5Page - Dallas Semiconductor DS1094LU Datasheet HTML 6Page - Dallas Semiconductor DS1094LU Datasheet HTML 7Page - Dallas Semiconductor DS1094LU Datasheet HTML 8Page - Dallas Semiconductor DS1094LU Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Multiphase Spread-Spectrum EconOscillator
_____________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
OUT1
Oscillator Output 1
2
OUT2
Oscillator Output 2
3VCC
Positive Supply Terminal
4
GND
Ground
5
OUT3
Oscillator Output 3
6
OUT4
Oscillator Output 4
7
SDA
2-Wire Serial-Interface Data
Input/Output
8
SCL
2-Wire Serial-Interface Clock Input
DUTY CYCLE vs. FREQUENCY
VCC = 3.3V, +25°C
fOUT (MHz)
1.75
1.50
1.25
35
40
45
50
55
30
1.00
2.00
4φ
3φ
2φ
OUTPUT FREQUENCY TOLERANCE
VCC = 3.3V, +25°C
fOUT (MHz)
1.75
1.50
1.25
-1.0
-0.5
0
0.5
-1.5
1.00
2.00
VOLTAGE FREQUENCY VARIATION
SUPPLY VOLTAGE (V)
3.5
3.0
3.2
-0.25
0
0.25
0.50
-0.50
3.0
3.6
fOUT = 1MHz
fOUT = 2MHz
fOUT = 125kHz
TEMPERATURE FREQUENCY VARIATON
TEMPERATURE (°C)
60
35
10
-15
-1.6
-1.2
-0.8
-.04
0
0.4
-2.0
-40
85
fOUT = 2MHz
fOUT = 1MHz
fOUT = 125kHz
PEAK-TO-PEAK JITTER vs. fMOSC
fMOSC (MHz)
1.8
1.6
1.4
1.2
1.0
1.5
2.0
2.5
0.8
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com