Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMBJ
Description  Transil?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ Datasheet(HTML) 1 Page - STMicroelectronics

  SMBJ Datasheet HTML 1Page - STMicroelectronics SMBJ Datasheet HTML 2Page - STMicroelectronics SMBJ Datasheet HTML 3Page - STMicroelectronics SMBJ Datasheet HTML 4Page - STMicroelectronics SMBJ Datasheet HTML 5Page - STMicroelectronics SMBJ Datasheet HTML 6Page - STMicroelectronics SMBJ Datasheet HTML 7Page - STMicroelectronics SMBJ Datasheet HTML 8Page - STMicroelectronics SMBJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2010
Doc ID 5616 Rev 10
1/10
10
SMBJ
Transil™
Features
Peak pulse power:
– 600 W (10/1000
μs)
– 4 kW (8/20 µs)
Stand off voltage range: from 5 V to 188 V
Unidirectional and bidirectional types
Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
Operating Tjmax: 150 °C
High power capability at Tjmax:
– 515 W (10/1000 µs)
JEDEC registered package outline
Complies with the following standards
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
IEC 61000-4-5
MIL STD 883G, method 3015-7 Class 3B:
– 25 kV HBM (human body model)
Resin meets UL 94, V0
MIL-STD-750, method 2026 soldererability
EIA STD RS-481 and IEC 60286-3 packing
IPC 7531 footprint
Description
The SMBJ Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, and
MIL STD 883, method 3015, and electrical over
stress according to IEC 61000-4-4 and 5. These
devices are more generally used against surges
below 600 W (10/1000
μs).
Planar technology makes these devices suitable
for high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
SMBJ are packaged in SMB (SMB footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMBJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com