Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR600 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 59Page - STMicroelectronics SPEAR600 Datasheet HTML 60Page - STMicroelectronics SPEAR600 Datasheet HTML 61Page - STMicroelectronics SPEAR600 Datasheet HTML 62Page - STMicroelectronics SPEAR600 Datasheet HTML 63Page - STMicroelectronics SPEAR600 Datasheet HTML 64Page - STMicroelectronics SPEAR600 Datasheet HTML 65Page - STMicroelectronics SPEAR600 Datasheet HTML 66Page - STMicroelectronics SPEAR600 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
63/97
data are stable before the arrival of the DQS. To have a positive quantity the delay obtained
by the DQ (maximum delay or last variation) must be less than one obtained by the DQS
(minimum delay).
So:
t4MIN = DQS (delay)MIN - DQ (delay)MAX = (t1MIN + T ± one DLL element
(a) + t2
MIN) - (T*3/4
± one DLL element(a) + t3MAX) = t1MIN + T/4 + t2MIN ± one DLL element
(a) - t3
MAX
t5 can be expressed in a similar way, and can be defined as the tHOLD of the data:
t5MIN = DQ (delay)MIN - DQS (delay)MAX = (T/2 + T*3/4 ± one DLL element
(a) + t3
MIN) -
(t1MAX + T ± one DLL element
(a) + t2
MAX) =
= T/4 + t3MIN - t2MAX - t1MAX ± one DLL element
(a)
Note:
DQS (delay) is the combination of delays experienced by the DQS (data strobe) signal, DQ
(delay) is the combination of delays experienced by the DQ (data) signal (both until the
capture performed by the controller).
6.1.3
DDR2 command timings
Figure 8.
DDR2 command waveforms
Figure 9.
DDR2 command path
For the command and control timings, we have to consider that the commands are launched
on the negative edge of the clock and are captured on the next positive edge of the clock.
a.
The value “one DLL element” stands for the DLL accuracy, so we put ± one DLL element in the formulas. One
DLL element = 15 ps in best case and 85 ps in worst case.
t4
t5
CLK
ADDRESS, STROBEs,
and CONTROL LINES
Q
Q
SET
CLR
D
t2
t3
CLK
ADDRESS, STROBEs,
and CONTROL LINES
ADDRESS, STROBEs,
and CONTROL LINES
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com