Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM4F15A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMM4F15A
Description  Unidirectional type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F15A Datasheet(HTML) 3 Page - STMicroelectronics

  SMM4F15A Datasheet HTML 1Page - STMicroelectronics SMM4F15A Datasheet HTML 2Page - STMicroelectronics SMM4F15A Datasheet HTML 3Page - STMicroelectronics SMM4F15A Datasheet HTML 4Page - STMicroelectronics SMM4F15A Datasheet HTML 5Page - STMicroelectronics SMM4F15A Datasheet HTML 6Page - STMicroelectronics SMM4F15A Datasheet HTML 7Page - STMicroelectronics SMM4F15A Datasheet HTML 8Page - STMicroelectronics SMM4F15A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SMM4FxxA
Characteristics
DocID14250 Rev 4
3/12
Table 3: Electrical characteristics - parameter values (Tamb = 25 °C)
Type
IRM max. at VRM
VBR at IR(1)
VCL at IPP
10/1000 μs
RD(2)
10/1000
μs
VCL at IPP
8/20 μs
RD 8/20
µs(2)
αT(3)
25 °C
85 °C
Min.
Typ.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
V
A
10-4/°C
SMM4F5.0A
10
50
5.0
6.46
6.80
7.14
10
9.2
43.5
0.047
13.4
179
0.035
5.7
SMM4F6.0A
10
50
6.0
6.65
7.00
7.35
10
10.3
38.8
0.076
13.7
175
0.036
5.9
SMM4F6.5A
10
50
6.5
7.13
7.50
7.88
10
11.2
37.5
0.093
14.5
166
0.039
6.1
SMM4F8.5A
10
50
8.5
9.5
10.0
10.5
1
14.4
27.7
0.141
19.5
140
0.064
7.3
SMM4F10A
0.2
1
10
11.4
12.0
12.6
1
17.0
23.5
0.187
21.7
127
0.071
7.8
SMM4F12A
0.2
1
12
13.3
14.0
14.7
1
19.9
20.1
0.259
25.3
112
0.094
8.3
SMM4F13A
0.2
1
13
14.3
15.0
15.8
1
21.5
18.6
0.309
27.2
106
0.108
8.4
SMM4F15A
0.2
1
15
17.1
18.0
18.9
1
24.4
16.4
0.335
32.5
90
0.150
8.8
SMM4F18A
0.2
1
18
20.9
22.0
23.1
1
29.2
14.0
0.436
39.3
76
0.214
9.2
SMM4F20A
0.2
1
20
22.8
24.0
25.2
1
32.4
12.0
0.600
42.8
70
0.250
9.4
SMM4F24A
0.2
1
24
26.6
28.01
29.4
1
38.9
9.5
1.00
50
61
0.338
9.6
SMM4F26A
0.2
1
26
28.5
30.0
31.5
1
42.1
9.0
1.18
53.5
58
0.380
9.7
SMM4F28A
0.2
1
28
31.4
33.0
34.7
1
45.4
8.0
1.34
59.0
53
0.456
9.8
SMM4F33A
0.2
1
33
37.1
39.0
41.0
1
53.3
7.0
1.76
69.7
45
0.636
10.0
Notes:
(1)Pulse test: tp < 50 ms.
(2)To calculate maximum clamping voltage at other surge currents, use the following formula:
VCLmax = RD x IPP + VBRmax
(3)To calculate VBR versus junction temperature, use the following formula:
VBR at Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
Figure 2: Definition of IPP pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com