Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8034HN Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 22Page - STMicroelectronics ST8034HN Datasheet HTML 23Page - STMicroelectronics ST8034HN Datasheet HTML 24Page - STMicroelectronics ST8034HN Datasheet HTML 25Page - STMicroelectronics ST8034HN Datasheet HTML 26Page - STMicroelectronics ST8034HN Datasheet HTML 27Page - STMicroelectronics ST8034HN Datasheet HTML 28Page - STMicroelectronics ST8034HN Datasheet HTML 29Page - STMicroelectronics ST8034HN Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Functional description
ST8034HN, ST8034HC
26/31
DocID024511 Rev 2
6.10
Fault detection
The fault conditions monitored by the device are:
Short-circuit or overcurrent on the VCC pin
Card removal during transaction
VDD falling
VDDP falling
VDD(INTF) falling
Overheating.
There are two different fault detection situations:
Outside card session (CMDVCC pin is high): the OFF pin is low if the card is not in the
reader and high if the card is in the reader. Any voltage drop on VDD, VDDP or VDD(INTF)
is detected by the voltage supervisor. This generates an internal power-on reset pulse
but does not act upon the OFF pin signal. The card is not powered-up and short-circuits
or overheating are not detected.
In card session (CMDVCC pin is low): when the OFF pin goes low, the fault detection
circuit triggers the automatic emergency deactivation sequence (see Figure 12).
On card insertion or removal, bouncing can occur on the card presence switch (i.e. on the
PRES signal). Therefore a debouncing feature is integrated into the ST8034 (4.5 ms
typically, tDEB = 640 × 1/fOSC(INT)LOW). See Figure 13.
On card insertion, the OFF pin goes high after the debounce time has elapsed. When the
card is extracted, the automatic card deactivation sequence is performed on the first high to
low transition on the PRES pin. After this, the OFF pin goes low.
Figure 12. Deactivation sequence after card removal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com