Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8034T Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST8034T
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034T Datasheet(HTML) 5 Page - STMicroelectronics

  ST8034T Datasheet HTML 1Page - STMicroelectronics ST8034T Datasheet HTML 2Page - STMicroelectronics ST8034T Datasheet HTML 3Page - STMicroelectronics ST8034T Datasheet HTML 4Page - STMicroelectronics ST8034T Datasheet HTML 5Page - STMicroelectronics ST8034T Datasheet HTML 6Page - STMicroelectronics ST8034T Datasheet HTML 7Page - STMicroelectronics ST8034T Datasheet HTML 8Page - STMicroelectronics ST8034T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Description
ST8034T, ST8034AT, ST8034P, ST8034C
6/40
DocID024587 Rev 4
1
Description
The ST8034T/ST8034AT/ST8034P/ST8034C devices are complete low-cost analog
interfaces for asynchronous and synchronous smartcards operating at a supply voltage
of 5 V or 3 V (or even 1.8 V in the case of ST8034P).
The ST8034T/ST8034AT/ST8034P/ST8034C devices can be placed between the card and
the microcontroller to provide all supply, protection, detection and control functions, with just
a few external components.
Table 1. Device summary
Order code PORADJ CLKDIV CLKIN
External
crystal
VCC
selection
pin
5/3.0/1.8 V
Chip
select
Package
Shipment
Package
topmark
ST8034TDT

SO16
(3.9 x 9.9 mm)
Tape and
reel
ST8034TDT
ST8034ATDT

SO16
(3.9 x 9.9 mm)
Tape and
reel
ST8034ATDT
ST8034PQR

QFN16
(3 x 3 mm)
Tape and
reel
034P
ST8034CQR

QFN16
(3 x 3 mm)
Tape and
reel
034C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com