Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG4260BJR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STG4260BJR
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4260BJR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STG4260BJR Datasheet HTML 7Page - STMicroelectronics STG4260BJR Datasheet HTML 8Page - STMicroelectronics STG4260BJR Datasheet HTML 9Page - STMicroelectronics STG4260BJR Datasheet HTML 10Page - STMicroelectronics STG4260BJR Datasheet HTML 11Page - STMicroelectronics STG4260BJR Datasheet HTML 12Page - STMicroelectronics STG4260BJR Datasheet HTML 13Page - STMicroelectronics STG4260BJR Datasheet HTML 14Page - STMicroelectronics STG4260BJR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STG4260
Test circuits
Doc ID 15168 Rev 2
11/19
Figure 6.
OFF leakage
Figure 7.
Channel-to-channel crosstalk
V
SS
V
CC
IN
S2
A
CS14081
D
V
D
A
V
CC
GND
S(OFF)
I
D(OFF)
I
CS14091



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com