Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1600QTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPE1600QTR
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600QTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPE1600QTR Datasheet HTML 4Page - STMicroelectronics STMPE1600QTR Datasheet HTML 5Page - STMicroelectronics STMPE1600QTR Datasheet HTML 6Page - STMicroelectronics STMPE1600QTR Datasheet HTML 7Page - STMicroelectronics STMPE1600QTR Datasheet HTML 8Page - STMicroelectronics STMPE1600QTR Datasheet HTML 9Page - STMicroelectronics STMPE1600QTR Datasheet HTML 10Page - STMicroelectronics STMPE1600QTR Datasheet HTML 11Page - STMicroelectronics STMPE1600QTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
I2C block
STMPE1600
8/27
Doc ID 16938 Rev 3
Table 4.
I2C bus timing
Symbol
Parameter
Min
Typ
Max
Uni
fSCL
SCL clock frequency
0
–
400
kHz
tLOW
Clock low period
1.3
–
–
µs
tHIGH
Clock high period
600
–
–
ns
tF
SDA and SCL fall time
–
–
300
ns
tHD:STA
START condition hold time (after this
period the first clock is generated)
600
–
–
ns
tSU:STA
START condition setup time (only relevant
for a repeated start period)
600
–
–
ns
tSU:DAT
Data setup time
100
–
–
ns
tHD:DAT
Data hold time
0
–
–
µs
tSU:STO
STOP condition setup time
600
–
–
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
–
–
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com