Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMUX1800E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMUX1800E
Description  16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMUX1800E Datasheet HTML 3Page - STMicroelectronics STMUX1800E Datasheet HTML 4Page - STMicroelectronics STMUX1800E Datasheet HTML 5Page - STMicroelectronics STMUX1800E Datasheet HTML 6Page - STMicroelectronics STMUX1800E Datasheet HTML 7Page - STMicroelectronics STMUX1800E Datasheet HTML 8Page - STMicroelectronics STMUX1800E Datasheet HTML 9Page - STMicroelectronics STMUX1800E Datasheet HTML 10Page - STMicroelectronics STMUX1800E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
STMUX1800E
Pin description
Doc ID 16772 Rev 3
7/26
Table 3.
LAN switch function table
LP
SEL
Function
L
L
8-bit bus to 8-bit multiplexed bus 0
L
H
8-bit bus to 8-bit multiplexed bus 1
H
X
Bus 0 and 1 in Hi-Z
Table 4.
LED switch function table
LP
SEL
Function
L
L
LED switch input connected to LED switch output X_0
L
H
LED switch input connected to LED switch output X_1
H
X
Output X_0 and X_1 in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com