Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492E Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7492E
Description  79 W 79 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7492E Datasheet HTML 6Page - STMicroelectronics TDA7492E Datasheet HTML 7Page - STMicroelectronics TDA7492E Datasheet HTML 8Page - STMicroelectronics TDA7492E Datasheet HTML 9Page - STMicroelectronics TDA7492E Datasheet HTML 10Page - STMicroelectronics TDA7492E Datasheet HTML 11Page - STMicroelectronics TDA7492E Datasheet HTML 12Page - STMicroelectronics TDA7492E Datasheet HTML 13Page - STMicroelectronics TDA7492E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical specifications
TDA7492E
10/24
DocID027638 Rev 1
3.4
Stereo BTL application
All specifications are for VCC = 22 V, Rosc =
33 kΩ, f = 1 kHz, Tamb = 25 °C, unless
otherwise specified.
Table 6: Stereo BTL application
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Po
Output power
RL
= 6 Ω, THD = 10%
-
41
-
W
RL
= 6 Ω, THD = 1%
-
32
-
RL
= 6 Ω, THD = 10%,
VCC = 26 V
-
57
-
RL
= 6 Ω, THD = 1%,
VCC = 26 V
-
44
-
THD
Total harmonic distortion
Po = 1 W, fin = 1 kHz
-
0.04
-
%
VN
Total output noise
Inputs shorted and
connected to GND,
A curve, GV = 20.8 dB
-
150
-
µV
3.5
Parallel BTL (mono) application
All specifications are for VCC
= 22 V, Rosc = 33 kΩ, f = 1 kHz, Tamb = 25 °C, INPB, INNB
connected to VDDS, unless otherwise specified.
Table 7: Stereo BTL (mono) application
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Po
Output power
RL
= 3 Ω, THD = 10%
-
90
-
W
RL
= 3 Ω, THD = 1%
-
70
-
RL
= 3 Ω, THD = 10%,
Vcc = 26 V
-
110
-
RL
= 3 Ω, THD = 1%,
VCC = 26V
-
86
-
THD
Total harmonic distortion
Po = 1 W, fin = 1 kHz
-
0.04
-
%
VN
Total output noise
Inputs shorted and
connected to GND,
A curve, GV = 20.8 dB
-
150
-
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com