Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7718BTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7718BTR
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718BTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7718BTR Datasheet HTML 6Page - STMicroelectronics TDA7718BTR Datasheet HTML 7Page - STMicroelectronics TDA7718BTR Datasheet HTML 8Page - STMicroelectronics TDA7718BTR Datasheet HTML 9Page - STMicroelectronics TDA7718BTR Datasheet HTML 10Page - STMicroelectronics TDA7718BTR Datasheet HTML 11Page - STMicroelectronics TDA7718BTR Datasheet HTML 12Page - STMicroelectronics TDA7718BTR Datasheet HTML 13Page - STMicroelectronics TDA7718BTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Electrical specifications
TDA7718B
10/40
DocID18305 Rev 3
Loudness control
AMAX
Max attenuation
-
14
15
16
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
fPeak
Peak frequency
fP1
-
400
-
Hz
fP2
-
800
-
Hz
fP3
-
2400
-
Hz
Volume control
GMAX
Max gain
-
22
23
24
dB
AMAX
Max attenuation
-
-
-31
-30
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
EA
Attenuation set error
-
-0.75
0
+0.75
dB
ET
Tracking error
-
-
-
2
dB
VDC
DC steps
Adjacent attenuation steps
-3
0.1
3
mV
From 0 dB to GMIN
-5
0.5
5
mV
Soft-mute
AMUTE Mute attenuation
-
80
100
-
dB
TD
Delay time
T1
0.35
0.48
0.65
ms
T2
0.7
0.96
1.3
ms
T3
5.6
7.6
9.6
ms
T4
12.3
15.3
18.3
ms
VTH Low Low threshold for SM pin
-
-
-
1
V
VTH High High threshold for SM pin
-
2.5
-
-
V
RPU
Internal pull-up resistor
-
32
45
58
k
VPU
Internal pull-up voltage
-
3
3.3
3.6
V
Bass control
Fc
Center frequency
fC1
-60
-
Hz
fC2
-80
-
Hz
fC3
-
100
-
Hz
fC4
-
200
-
Hz
QBASS Quality factor
Q1
-1
-
-
Q2
-1.25
-
-
Q3
-1.5
-
-
Q4
-2
-
-
CRANGE Control range
-
±14
±15
±16
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
DCGAIN Bass-DC-gain
DC = off
-1
0
+1
dB
DC = on, gain = ±15 dB
±4.3
±4.7
±5.1
dB
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com