Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS93xA Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS93xA
Description  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93xA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS93xA Datasheet HTML 9Page - STMicroelectronics TS93xA Datasheet HTML 10Page - STMicroelectronics TS93xA Datasheet HTML 11Page - STMicroelectronics TS93xA Datasheet HTML 12Page - STMicroelectronics TS93xA Datasheet HTML 13Page - STMicroelectronics TS93xA Datasheet HTML 14Page - STMicroelectronics TS93xA Datasheet HTML 15Page - STMicroelectronics TS93xA Datasheet HTML 16Page - STMicroelectronics TS93xA Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TS93x, TS93xA, TS93xB
Ordering information
Doc ID 6911 Rev 5
15/17
4
Ordering information
Table 10.
Order codes
Order code
Temperature
range
Package
Packaging
Marking
TS931ID
TS931IDT
TS931AID
TS931AIDT
TS931BID
TS931BIDT
-40 °C, +105 °C
SO-8
Tube
Tape and reel
Tube
Tape and reel
Tube
Tape and reel
931I
931I
931AI
931AI
931BI
931BI
TS931ILT
TS931AILT
TS931BILT
SOT23-5L
Tape and reel
K205
K206
K207
TS932ID
TS932IDT
TS932AID
TS932AIDT
TS932BID
TS932BIDT
SO-8
Tube
Tape and reel
Tube
Tape and reel
Tube
Tape and reel
932I
932I
932AI
932AI
932BI
932BI
TS934ID
TS934IDT
TS934AID
TS934AIDT
TS934BIDT
TS934BIDT
SO-14
Tube
Tape and reel
Tube
Tape and reel
Tube
Tape and reel
934I
934I
934AI
934AI
934BI
934BI
TS934IPT
TS934AIPT
TS934BIPT
TSSOP-14
(thin shrink outline package)
Tape and reel
934I
934AI
934BI
TS934IYDT(1)
TS934AIYDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent.
SO-14
(automotive grade)
Tape and reel
934IY
934AIY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com