Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF08-2005QEJ Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF08-2005QEJ
Description  EMI FILTER INCLUDING ESD PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-2005QEJ Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF08-2005QEJ Datasheet HTML 1Page - STMicroelectronics EMIF08-2005QEJ Datasheet HTML 2Page - STMicroelectronics EMIF08-2005QEJ Datasheet HTML 3Page - STMicroelectronics EMIF08-2005QEJ Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMIF08-2005QEJ
2/4
Symbol
Parameter and test conditions
Value
Unit
V
PP
ESD discharge
EC61000-4-2 air discharge
IEC61000-4-2 contact discharge
±15
±8
kV
T
j
Junction temperature
125
°C
T
stg
Storage temperature range
-55 + 150
°C
T
L
Maximum lead temperature for soldering
260
°C
ABSOLUTE RATINGS (Tamb = 25°C)
Symbol
Parameter
V
BR
Breakdown voltage
I
RM
Leakage current @ V
RM
V
RM
Stand-off voltage
V
CL
Clamping voltage
I
PP
Peak pulse current
αT
Voltage temperature coefficient
V
F
Forward voltage drop
ELECTRICAL CHARACTERISTICS (T
amb =25°C)
VBR
IPP
Slope = 1/Rd
VRM
VF
IF
I
IRM
V
VCL
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V
BR
I
R =1mA
6
8
10
V
I
RM
V
RM = 3V per line
500
µA
Rd
I
PP = 10A, tp = 2.5µs (see note 1)
1
Ω
R
I/O
180
200
220
Ω
C
in
Vbias = 0V
F = 1MHz
Vosc = 30mV
45
50
pF
100.0k
1.0M
10.0M
100.0M
1.0G
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
f/Hz
EMIF08-2005QEJ
Aplac 7.62 User: STMicroelectronics Nov 05 2002
Emif08: S21(dB) response
Fig. 1: Filtering behavior.
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V (V)
R
CLine(pF)
C(V)
Fig. 2: Capacitance versus reverse applied voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com