Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

epc131 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # epc131
Description  Photo-receiver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

epc131 Datasheet(HTML) 5 Page - Espros Photonics corp

  epc131 Datasheet HTML 1Page - Espros Photonics corp epc131 Datasheet HTML 2Page - Espros Photonics corp epc131 Datasheet HTML 3Page - Espros Photonics corp epc131 Datasheet HTML 4Page - Espros Photonics corp epc131 Datasheet HTML 5Page - Espros Photonics corp epc131 Datasheet HTML 6Page - Espros Photonics corp epc131 Datasheet HTML 7Page - Espros Photonics corp epc131 Datasheet HTML 8Page - Espros Photonics corp epc131 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
He
epc134/epc135/epc136/epc137/epc138/epc139
Other Parameters
(typical values, Tamb = 25°C, VDD = 5.0V)
0
2
4
6
8
10
12
14
16
0.0
0.2
0.4
0.6
0.8
1.0
1.2
epc135 / epc138
Emitting Pulse Length (μs)
1E+04
1E+05
1E+06
1E+07
1.0
10.0
100.0
1000.0
epc135 / epc138
Frequency (Hz)
Max. ripple voltage on VDD until output is triggered
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
epc136 / epc139
Emitting Pulse Length (μs)
1E+04 1E+05 1E+06 1E+07 1E+08
1.0
10.0
100.0
1000.0
10000.0
100000.0
epc136 / epc139
Frequency (Hz)
Max. ripple voltage on VDD until output is triggered
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
5
Datasheet_epc134-139_digital-V2.5
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com